Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2724 Datasheet(PDF) 2 Page - NEC

No. de pieza 2SK2724
Descripción Electrónicos  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK2724 Datasheet(HTML) 2 Page - NEC

  2SK2724 Datasheet HTML 1Page - NEC 2SK2724 Datasheet HTML 2Page - NEC 2SK2724 Datasheet HTML 3Page - NEC 2SK2724 Datasheet HTML 4Page - NEC 2SK2724 Datasheet HTML 5Page - NEC 2SK2724 Datasheet HTML 6Page - NEC 2SK2724 Datasheet HTML 7Page - NEC 2SK2724 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SK2724
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Drain to Source On-State Resistance
RDS(on)1
VGS = 10 V, ID = 18 A
20
27
m
RDS(on)2
VGS = 4 V, ID = 18 A
33
40
m
Gate to Source Cutoff Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.0
1.5
2.0
V
Forward Transfer Admittance
|yfs|VDS = 10 V, ID = 18 A
10
23
S
Drain Leakage Current
IDSS
VDS = 60 V, VGS = 0
10
µA
Gate to Source Leakage Current
IGSS
VGS =
±20 V, VDS = 0
±10
µA
Input Capacitance
Ciss
VDS = 10 V,
1 200
pF
Output Capacitance
Coss
VGS = 0,
570
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
270
pF
Turn-On Delay Time
td(on)
ID = 18 A,
35
ns
Rise Time
tr
VGS(on) = 10 V,
280
ns
Turn-Off Delay Time
td(off)
VDD = 30 V,
160
ns
Fall Time
tf
RG = 10
170
ns
Total Gate Charge
QG
ID = 35 A,
50
nC
Gate to Source Charge
QGS
VDD = 48 V,
5.0
nC
Gate to Drain Charge
QGD
VGS = 10 V
22
nC
Body Diode Forward Voltage
VF(S-D)
IF = 35 A, VGS = 0
1.0
V
Reverse Recovery Time
trr
IF = 35 A, VGS = 0,
70
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs
130
nC
Test Circuit 1 Switching Time
Test Circuit 2 Gate Charge
D.U.T.
RL
VDD
RG
PG.
RG = 10
VGS
0
t
VGS
Wave Form
ID
Wave Form
VGS
ID
10 %
0
VGS(on)
90 %
90 %
90 %
10 %
0
10 %
ID
td(on)
tr
ton
td(off)
tf
toff
t = 1 s
Duty Cycle
≤ 1 %
µ
D.U.T.
RL
VDD
PG.
50
IG = 2 mA


Número de pieza similar - 2SK2724

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
2SK2724 VBSEMI-2SK2724 Datasheet
2Mb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2724 ISC-2SK2724 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2724 RENESAS-2SK2724 Datasheet
304Kb / 10P
   MOS FIELD EFFECT POWER TRANSISTORS
1996
More results

Descripción similar - 2SK2724

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com