Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME1-15SAZ Datasheet(PDF) 2 Page - AIMTEC |
|
AME1-15SAZ Datasheet(HTML) 2 Page - AIMTEC |
2 / 3 page Series AME1-AZ 1Watt | AC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 052e R8.B 2 of 3 North America only General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100 KHz Over Load protection Auto recovery >125% Short circuit protection Auto recovery Operating temperature Without derating -40 to +80 oC Storage temperature -40 to +85 oC Maximum Case temperature 100 oC Humidity Non condensing 20 ~ 95 % RH Case material Plastic resin + Fiberglass (flammability to UL 94V-0) Weight 25 g Dimensions (L x W x H) 1.327 x 0.874 x 0.71 (33.70 x 22.20 x 18.00mm) MTBF > 400,000 hrs (MIL-HDBK -217F, t=+25oC)/Full Load > 100,000 hrs (MIL-HDBK -217F, t= at highest operating temperature)/Full Load NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. Environment Approval Parameters Conditions Shock Wave form: Half sine wave Acceleration amplitude: 5gn Bump duration: 30 ms Number of bumps: 18 (3 in each direction for every axis) Converter operation before and after test, body mounted (on chassis) Vibrations Test mode: Sweep sine 10-100Hz, speed 0.05Hz/s Displacement: 1mm Acceleration: 3g 3 loops 30min one cycle, 3h total, every axis tested Converter operation before and after test, body mounted (on chassis) Safety Specifications Parameters Agency approvals cULus, CE, CB (pending), CSA Information technology Equipment IEC/EN/UL 60950-1:2006+A11:2009 EMI - Conducted and radiated emission EN55022, class B Harmonic Current Emissions IEC/EN 61000-3-2, (EN60555-2) Voltage fluctuations and flicker IEC/EN 61000-3-3, (EN60555-3) Electrostatic Discharge Immunity IEC 61000-4-2 RF, Electromagnetic Field Immunity IEC 61000-4-3 Electrical Fast Transient/Burst Immunity IEC 61000-4-4 Surge Immunity(1KV) IEC 61000-4-5(SAZ:Level2,SBAZ:Level 1) RF, Conducted Disturbance Immunity IEC 61000-4-6 Power frequency Magnetic Field Immunity IEC 61000-4-8 Voltage dips, Short Interruptions Immunity IEC 61000-4-11 Canadian Safety Agency CAN/CSA-C22.2 NO. 60950-1-07 |
Número de pieza similar - AME1-15SAZ |
|
Descripción similar - AME1-15SAZ |