Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMEPR30C-24140AZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AMEPR30C-24140AZ
Descripción Electrónicos  LED Driver / Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30C-24140AZ Datasheet(HTML) 1 Page - AIMTEC

  AMEPR30C-24140AZ Datasheet HTML 1Page - AIMTEC AMEPR30C-24140AZ Datasheet HTML 2Page - AIMTEC AMEPR30C-24140AZ Datasheet HTML 3Page - AIMTEC AMEPR30C-24140AZ Datasheet HTML 4Page - AIMTEC AMEPR30C-24140AZ Datasheet HTML 5Page - AIMTEC AMEPR30C-24140AZ Datasheet HTML 6Page - AIMTEC AMEPR30C-24140AZ Datasheet HTML 7Page - AIMTEC AMEPR30C-24140AZ Datasheet HTML 8Page - AIMTEC AMEPR30C-24140AZ Datasheet HTML 9Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Series AMEPR30C-AZ
up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.C
1 of 9
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W)
Output
Voltage
Range
(V)
Output
Current
(A)
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Mode of Operation
Efficiency
(%)
115
VAC
230
VAC
277
VAC
AMEPR30C-5070AZ
35
36-50
0.7
90-305/47-440
130-430
Constant Current
83
83
83
Constant Voltage
83
83
83
AMEPR30C-4864AZ
30.7
36-48
0.64
90-305/47-440
130-430
Constant Current
83
83
83
Constant Voltage
83
83
83
AMEPR30C-36100AZ
36
24-36
1
90-305/47-440
130-430
Constant Current
83
83
83
Constant Voltage
83
83
83
AMEPR30C-24140AZ
33.6
12-24
1.4
90-305/47-440
130-430
Constant Current
82
82
82
Constant Voltage
82
82
82
AMEPR30C-12250AZ
30
5-12
2.5
90-305/47-440
130-430
Constant Current
80
80
80
Constant Voltage
80
80
80
Exceeding the maximum output power will permanently damage the converter.
The dimming feature is not supported when units are used in Constant Voltage mode only, Aimtec suggests to order “-F” No
dimming option in the case.
In constant current mode output current is maximum shown, in constant voltage mode output voltage is the maximum shown. All models
can be ordered with optional North American colour input wires (black (L), white (N), green (GND)). Add “–NA” to part number when
ordering.
NOTE: Aimtec limited warranty of 5 years is valid based on product operation at datasheet specifications at ambient temperature of 25°C,
humidity<75%, nominal input voltage (115/230/277VAC) and at rated output load unless otherwise specified. See
http://www.aimtec.com/terms-sale
AMEPR30C-AZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from conventional electrical abnormalities with
the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial, and other areas or regions which are
prone to ‘dirty’ electrical conditions which would subject any of the above models to excessive voltages surges or spikes, may damage or
cause early life failure of product. In this case consideration should be made by the end user to ensure that adequate line or mains surge
suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure to identify excessive line surges violations
prior to installation may damage sensitive equipment permanently.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
430
mA
230 VAC
250
mA
277 VAC
210
mA
Inrush current <2ms (cold start)
115 VAC
25
A
230 VAC
40
A
277 VAC
55
A
Leakage current
I/O
0.25
mA
I/FG, O/FG
3.5
mA
Power factor
115 VAC
0.96
230 VAC
0.90
277 VAC
0.85
External fuse
Recommended slow blow type
1
A
Start-up time
450
ms
AC-DC Constant Current or Constant
Voltage LED Driver
Over temperature protection
Over current protection
Input range 90-305VAC/47-440Hz
Waterproof case rated IP68
High efficiency up to 83%
Power Factor Correction
Operating temperature -40 to 85°C
Dimmable via resistive / 0-10Vdc / PWM
5 Years Limited Warranty
Short circuit protection
Click on Series name for product info on aimtec.com


Número de pieza similar - AMEPR30C-24140AZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEPR30C-24140AZ AIMTEC-AMEPR30C-24140AZ Datasheet
760Kb / 17P
   Over temperature protection
AMEPR30C-24140AZ AIMTEC-AMEPR30C-24140AZ Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-24140AZ AIMTEC-AMEPR30C-24140AZ Datasheet
760Kb / 17P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
More results

Descripción similar - AMEPR30C-24140AZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMER90C-50180CAZ AIMTEC-AMER90C-50180CAZ Datasheet
967Kb / 6P
   LED Driver / Converter
AMER150C-50300CAZ AIMTEC-AMER150C-50300CAZ Datasheet
979Kb / 7P
   LED Driver / Converter
AMER120C-50250AZ AIMTEC-AMER120C-50250AZ Datasheet
1Mb / 6P
   LED Driver / Converter
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ Datasheet
592Kb / 7P
   LED Driver / Converter
AMER90C-50180AZ AIMTEC-AMER90C-50180AZ Datasheet
967Kb / 6P
   LED Driver / Converter
AMER120C-50250CAZ AIMTEC-AMER120C-50250CAZ Datasheet
978Kb / 6P
   LED Driver / Converter
AMER150C-50300AZ AIMTEC-AMER150C-50300AZ Datasheet
1Mb / 7P
   LED Driver / Converter
logo
Zetex Semiconductors
ZXSC400 ZETEX-ZXSC400 Datasheet
195Kb / 16P
   LED DRIVER BOOST CONVERTER
logo
Diodes Incorporated
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
   LED DRIVER BOOST CONVERTER
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com