Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMEOR30C-24140AZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AMEOR30C-24140AZ
Descripción Electrónicos  DC-DC LED driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOR30C-24140AZ Datasheet(HTML) 1 Page - AIMTEC

  AMEOR30C-24140AZ Datasheet HTML 1Page - AIMTEC AMEOR30C-24140AZ Datasheet HTML 2Page - AIMTEC AMEOR30C-24140AZ Datasheet HTML 3Page - AIMTEC AMEOR30C-24140AZ Datasheet HTML 4Page - AIMTEC AMEOR30C-24140AZ Datasheet HTML 5Page - AIMTEC AMEOR30C-24140AZ Datasheet HTML 6Page - AIMTEC AMEOR30C-24140AZ Datasheet HTML 7Page - AIMTEC AMEOR30C-24140AZ Datasheet HTML 8Page - AIMTEC AMEOR30C-24140AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Series AMEOR30-AZ
up to 2.5A | AC-DC / DC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.F
1 of 14
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W)
*
Output
Voltage
Range (V)
Output
Current
(A)
Input Voltage
(VAC/Hz)
Input Voltage
(VDC)
Efficiency
(%)
AMEOR30-5070AZ
35
36-50
0.7
90-277/47-440
130-390
86
AMEOR30-4864AZ
30.72
36-48
0.64
90-277/47-440
130-390
86
AMEOR30-36100AZ
36
24-36
1
90-277/47-440
130-390
85
AMEOR30-24140AZ
33.6
12-24
1.4
90-277/47-440
130-390
84
AMEOR30-12250AZ
30
5-12
2.5
90-277/47-440
130-390
83
“C” version supports fully integrated
Analog Resistive, PWM, & 0-10Vdc Dimming
feature
AMEOR30C-5070AZ
35
36-50
0.7
90-277/47-440
130-390
86
AMEOR30C-4864AZ
30.72
36-48
0.64
90-277/47-440
130-390
86
AMEOR30C-36100AZ
36
24-36
1
90-277/47-440
130-390
85
AMEOR30C-24140AZ
33.6
12-24
1.4
90-277/47-440
130-390
84
AMEOR30C-12250AZ
30
5-12
2.5
90-277/47-440
130-390
83
*Exceeding the maximum output power will permanently damage the converter
All models can be ordered with optional North American colour input wires (black (L), white (N), green (GND)). Add “–NA” to
part number when ordering.
NOTE: Aimtec limited warranty of 5 years is valid based on product operation at datasheet specifications at ambient temperature of 25°C,
humidity<75%, nominal input voltage (115/230/277VAC) and at rated output load unless otherwise specified.
See http://www.aimtec.com/terms-sale
AMEOR30-AZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from conventional electrical abnormalities with
the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial, and other areas or regions which are
prone to ‘dirty’ electrical conditions which would subject any of the above models to excessive voltages surges or spikes, may damage or
cause early life failure of product. In this case consideration should be made by the end user to ensure that adequate line or mains surge
suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure to identify excessive line surges violations
prior to installation may damage sensitive equipment permanently.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Inrush current <2ms
115VAC
25
A
230VAC
40
Leakage current
115VAC
0.3
mA
230VAC
0.5
AC current
115VAC
0.33
A
230VAC
0.16
Power Factor
115VAC
0.99
230VAC
0.97
External fuse
250V/1A
Start up time
450
ms
Surge voltage
2sec
440
V
AC-DC Constant current LED Driver
Over Temperature Protection
Input range 90-277VAC/47-440Hz
Open frame
High Efficiency up to 86%
Power Factor Correction
Operating temperature -40 to 80°C
Dimmable via analog / 0-10Vdc / PWM
(C version see table)
SCP, Over Current Protection
5 Years Limited Warranty
Click on Series name for product info on aimtec.com


Número de pieza similar - AMEOR30C-24140AZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEOR30C-24140AZ AIMTEC-AMEOR30C-24140AZ Datasheet
853Kb / 17P
   Over Temperature Protection
AMEOR30C-24140AZ AIMTEC-AMEOR30C-24140AZ Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
More results

Descripción similar - AMEOR30C-24140AZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Dimensions Semic...
LND1937 LINEAR_DIMENSIONS-LND1937 Datasheet
72Kb / 1P
   36V BOOST DC/DC LED DRIVER
logo
Mean Well Enterprises C...
LDD-L MEANWELL-LDD-L Datasheet
185Kb / 2P
   DC-DC Constant Current LED driver
LDD-H_1110 MEANWELL-LDD-H_1110 Datasheet
239Kb / 3P
   DC-DC Constant Current LED driver
LDD-L MEANWELL-LDD-L_12 Datasheet
160Kb / 3P
   DC-DC Constant Current LED driver
LDD-H MEANWELL-LDD-H Datasheet
237Kb / 2P
   DC-DC Constant Current LED driver
logo
List of Unclassifed Man...
EC4006 ETC2-EC4006 Datasheet
211Kb / 8P
   DC/DC WHITE LIGHT LED DRIVER
logo
AIMTEC
AMEHR50-Z AIMTEC-AMEHR50-Z Datasheet
738Kb / 7P
   AC-DC LED driver
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
   AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
   AC-DC LED driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com