Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMER120C-24500CAZ Datasheet(PDF) 3 Page - AIMTEC

No. de pieza AMER120C-24500CAZ
Descripción Electrónicos  LED Driver / Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER120C-24500CAZ Datasheet(HTML) 3 Page - AIMTEC

  AMER120C-24500CAZ Datasheet HTML 1Page - AIMTEC AMER120C-24500CAZ Datasheet HTML 2Page - AIMTEC AMER120C-24500CAZ Datasheet HTML 3Page - AIMTEC AMER120C-24500CAZ Datasheet HTML 4Page - AIMTEC AMER120C-24500CAZ Datasheet HTML 5Page - AIMTEC AMER120C-24500CAZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series AMER120C-CAZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.B
3 of 6
North America only
Dimensions
59.00
(2.32)
181.00
(7.13)
47.00
(1.85)
200.00
(8.00)
200.00
(8.00)
2.30
(0.09)
End View
Top View
Side View
Input/Output Wires are 18 AWG 20cm
41.00
(1.73)
8.00
(0.32)
11.00
(0.43)
4.00
(0.16)
23.00
(0.91)
Measurements in Millimeters (inch)
Case Tolerance: ±0.5 (±0.02)
27.00
(1.06)
Derating
-40 -20
0
20
40
60
80
100
100
80
60
40
20
0
Free Air Convection
55 º C
Safe Operating Area
Ambient Temperature º C
85


Número de pieza similar - AMER120C-24500CAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMER120C-24500AZ AIMTEC-AMER120C-24500AZ Datasheet
1Mb / 6P
   LED Driver / Converter
More results

Descripción similar - AMER120C-24500CAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEPR30C-5070AZ AIMTEC-AMEPR30C-5070AZ Datasheet
646Kb / 9P
   LED Driver / Converter
AMER90C-50180CAZ AIMTEC-AMER90C-50180CAZ Datasheet
967Kb / 6P
   LED Driver / Converter
AMER150C-50300CAZ AIMTEC-AMER150C-50300CAZ Datasheet
979Kb / 7P
   LED Driver / Converter
AMER120C-50250AZ AIMTEC-AMER120C-50250AZ Datasheet
1Mb / 6P
   LED Driver / Converter
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ Datasheet
592Kb / 7P
   LED Driver / Converter
AMER90C-50180AZ AIMTEC-AMER90C-50180AZ Datasheet
967Kb / 6P
   LED Driver / Converter
AMER150C-50300AZ AIMTEC-AMER150C-50300AZ Datasheet
1Mb / 7P
   LED Driver / Converter
logo
Zetex Semiconductors
ZXSC400 ZETEX-ZXSC400 Datasheet
195Kb / 16P
   LED DRIVER BOOST CONVERTER
logo
Diodes Incorporated
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
   LED DRIVER BOOST CONVERTER
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com