Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMLBW-3615Z Datasheet(PDF) 5 Page - AIMTEC

No. de pieza AMLBW-3615Z
Descripción Electrónicos  Step Up LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLBW-3615Z Datasheet(HTML) 5 Page - AIMTEC

  AMLBW-3615Z Datasheet HTML 1Page - AIMTEC AMLBW-3615Z Datasheet HTML 2Page - AIMTEC AMLBW-3615Z Datasheet HTML 3Page - AIMTEC AMLBW-3615Z Datasheet HTML 4Page - AIMTEC AMLBW-3615Z Datasheet HTML 5Page - AIMTEC AMLBW-3615Z Datasheet HTML 6Page - AIMTEC AMLBW-3615Z Datasheet HTML 7Page - AIMTEC AMLBW-3615Z Datasheet HTML 8Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Series AMLBW-Z
Up to 700mA | Step Up LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
5 of 8
North America only
Application circuit examples:
SW
Vout
ON
0V
OFF
normal
AMLBW-Z
+Vin
-Vin
DIM
1st LED
Last LED
+LED
1
1
PWM/Analog
Dimming Control
-LED
1
4
3
EN
2
5
6
AMLBW-Z
+Vin
-Vin
DIM
1st LED
Last LED
+LED
1
1
-LED
PWM/Analog
Dimming Control
1
1
1
4
3
2
5
6
EN
AMLBW-Z
+Vin
-Vin
+
DIM
1st LED
+LED
1
1
PWM/Analog
Dimming Control
-LED
AC In
AC In
6.5Vac
to 25Vac
Last LED
-
0.1uF
optional
100uF to
330uF
1
4
2
EN
3
5
6
AMLBW-Z
+Vin
-Vin
DIM
1st LED
Last LED
+LED
1
1
-LED
1
4
3
2
5
6
SW
ON
OFF
EN


Número de pieza similar - AMLBW-3615Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMLBW-3615Z AIMTEC-AMLBW-3615Z Datasheet
209Kb / 8P
   Up to 700mA | Step Up LED Driver
More results

Descripción similar - AMLBW-3615Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SG Micro Corp
SGM3725 SGMICRO-SGM3725 Datasheet
345Kb / 13P
   38V Step-Up LED Driver
SGM3735 SGMICRO-SGM3735 Datasheet
343Kb / 13P
   38V Step-Up LED Driver
SGM3725 SGMICRO-SGM3725_16 Datasheet
1Mb / 13P
   38V Step-Up LED Driver
logo
AIMTEC
AMLB-Z AIMTEC-AMLB-Z_13 Datasheet
418Kb / 7P
   Up to 700mA | Step Up LED Driver
AMLBW-Z AIMTEC-AMLBW-Z Datasheet
307Kb / 8P
   Up to 700mA | Step Up LED Driver
AMLBW-Z AIMTEC-AMLBW-Z_16 Datasheet
209Kb / 8P
   Up to 700mA | Step Up LED Driver
AMLB-Z AIMTEC-AMLB-Z Datasheet
395Kb / 7P
   Up to 700mA | Step Up LED Driver
AMLB-Z AIMTEC-AMLB-Z_16 Datasheet
345Kb / 7P
   Up to 900mA | Step Up LED Driver
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
Bright Power Semiconduc...
BP1601 BPS-BP1601 Datasheet
736Kb / 10P
   Step-up Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com