Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3495 Datasheet(PDF) 26 Page - Texas Instruments

No. de pieza LM3495
Descripción Electrónicos  Emulated Peak Current Mode Buck Controller for Low Output Voltage
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3495 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM3495_14 Datasheet HTML 22Page - Texas Instruments LM3495_14 Datasheet HTML 23Page - Texas Instruments LM3495_14 Datasheet HTML 24Page - Texas Instruments LM3495_14 Datasheet HTML 25Page - Texas Instruments LM3495_14 Datasheet HTML 26Page - Texas Instruments LM3495_14 Datasheet HTML 27Page - Texas Instruments LM3495_14 Datasheet HTML 28Page - Texas Instruments LM3495_14 Datasheet HTML 29Page - Texas Instruments LM3495_14 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
K =
PO
PO + PTOTAL-LOSS
100
1k
10k
100k
1M
FREQUENCY (Hz)
-180
-160
-140
-120
-100
-80
-60
LM3495
SNVS410E – FEBRUARY 2006 – REVISED NOVEMBER 2007
www.ti.com
Figure 11. Overall Loop Gain and Phase
The bandwidth of this example circuit is 49 kHz, with a phase margin of 46°.
Efficiency Calculations
A reasonable estimation for the efficiency,
η, of a buck regulator controlled by the LM3495 can be obtained by
adding together the loss in each current carrying element, PTOTAL-LOSS, and using the equation:
(39)
The following shows an efficiency calculation to complement the Typical Application circuit. Output power for this
circuit is PO = 1.2V x 10A = 12W. Input voltage is assumed to be 12V, and the calculations used assume that the
converter runs in CCM.
Chip Operating Loss
This term accounts for the current drawn at the VIN pin. This current, IIN, drives the logic circuitry and the power
FETs. The gate driving loss term from the power FET section of Design Considerations is included in the chip
operating loss. For the LM3495, IIN is equal to the steady state operating current, IQ, plus the FET driving current,
IGC. Power is lost as this IIN passes through the internal linear regulator of the LM3495.
IGC = (QG-HI + QG-LO) x fOSC
(40)
IGC = (11nC + 33nC) x 500 kHz = 22 mA
(41)
IQ is typically 1.8 mA, taken from the Electrical Characteristics table. Chip Operating Loss is then:
PQ = VIN x (IQ + IGC)
(42)
PQ = 12V x (1.8mA + 22mA) = 0.29W
(43)
High-Side FET Switching Loss
PSW = 0.5 x VIN x IO x (tR + tF) x fSW
(44)
PSW = 0.5 x 12V x 10A x (5 ns + 8 ns) x 500 kHz = 0.39W
(45)
FET Conduction Loss
PC = D (I
2
O x RDSON-HI x 1.3) PC-HI = 0.1 x (100 x 0.013) = 0.13W
(46)
PC = (1 - D) (I
2
O x RDSON-LO x 1.3) PC-LO = 0.9 x (100 x 0.0044) = 0.40W
(47)
RSNS Loss (if used)
PSNS = (1 - D) ((IO)
2 x R
SNS)
(48)
Not used in this example.
Input Capacitor Loss
26
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Links: LM3495


Número de pieza similar - LM3495_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3495 TI-LM3495_15 Datasheet
1Mb / 36P
[Old version datasheet]   Emulated Peak Current Mode Buck Controller for Low Output Voltage
More results

Descripción similar - LM3495_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3495 NSC-LM3495 Datasheet
1Mb / 26P
   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Texas Instruments
LM3495 TI-LM3495_15 Datasheet
1Mb / 36P
[Old version datasheet]   Emulated Peak Current Mode Buck Controller for Low Output Voltage
LM3000 TI1-LM3000 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Synchronous Emulated Current-Mode Controller
logo
National Semiconductor ...
LM3000 NSC-LM3000 Datasheet
815Kb / 26P
   Dual Synchronous Emulated Current-Mode Controller
logo
Texas Instruments
LM3000 TI1-LM3000_14 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Synchronous Emulated Current-Mode Controller
logo
Renesas Technology Corp
R2J20701NP RENESAS-R2J20701NP Datasheet
223Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOSFETs
logo
Texas Instruments
LM5116 TI-LM5116 Datasheet
1Mb / 37P
[Old version datasheet]   Emulated Peak Current Mode, Wide Operating Range Up to 100V
logo
Renesas Technology Corp
R2J20702NP RENESAS-R2J20702NP Datasheet
190Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOS FETs
R2J20701NP RENESAS-R2J20701NP_08 Datasheet
226Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOS FETs
R2J20751NP RENESAS-R2J20751NP Datasheet
197Kb / 26P
   Peak Current Mode Synchronous Buck Controller with Power MOS FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com