Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LM3495 Datasheet(PDF) 8 Page - Texas Instruments

No. de Pieza. LM3495
Descripción  Emulated Peak Current Mode Buck Controller for Low Output Voltage
Descarga  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

LM3495 Datasheet(HTML) 8 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
LM3495
SNVS410E – FEBRUARY 2006 – REVISED NOVEMBER 2007
www.ti.com
VIN = 12V unless specified, TA = 25°C unless specified.
Soft-Start in FPWM Mode
Soft-Start in FPWM Mode
VIN = 12V, VO = 1.0V, IO = 5A
VIN = 3.3V, VO = 2.2V, IO = 5A
BOM in Table 1
BOM in Table 2
Soft-Start with Output Pre-bias
Soft-Start with Output Pre-bias
VIN = 12V, VO = 1.0V, IO = 0A
VIN = 3.3V, VO = 2.2V, IO = 0A
BOM in Table 1
BOM in Table 2
Shutdown
Shutdown
VIN = 12V, VO = 1.0V, IO = 0A
VIN = 12V, VO = 1.0V, IO = 5A
BOM in Table 1
BOM in Table 1
8
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Links: LM3495


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn