Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR10520 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMR10520
Descripción Electrónicos  SIMPLE SWITCHER 5.5Vin, 2.0A Step-Down Voltage Regulator in WSON
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMR10520 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMR10520 Datasheet HTML 2Page - Texas Instruments LMR10520 Datasheet HTML 3Page - Texas Instruments LMR10520 Datasheet HTML 4Page - Texas Instruments LMR10520 Datasheet HTML 5Page - Texas Instruments LMR10520 Datasheet HTML 6Page - Texas Instruments LMR10520 Datasheet HTML 7Page - Texas Instruments LMR10520 Datasheet HTML 8Page - Texas Instruments LMR10520 Datasheet HTML 9Page - Texas Instruments LMR10520 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
-45
-40
-10
20
50
80
110 125 130
TEMPERATURE (ºC)
4.0
4.1
4.2
4.3
4.4
4.5
4.6
-45
-40
-10
20
50
80
110 125 130
TEMPERATURE (ºC)
3.0
3.1
3.2
3.3
3.4
3.5
3.6
-45 -40
-10
20
50
80 110 125 130
TEMPERATURE (
oC)
2800
2900
3000
3100
3200
3300
3400
3500
3600
3700
3800
-45 -40
-10
20
50
80 110 125 130
TEMPERATURE (ºC)
2.55
2.65
2.75
2.85
2.95
3.05
3.15
3.25
3.35
3.45
-45 -40
-10
20
50
80 110 125 130
TEMPERATURE (ºC)
1.36
1.41
1.46
1.51
1.56
1.61
1.66
1.71
1.76
1.81
LMR10520
SNVS730A – OCTOBER 2011 – REVISED OCTOBER 2011
www.ti.com
Typical Performance Characteristics (continued)
Unless stated otherwise, all curves taken at VIN = 5.0V with configuration in typical application circuit shown in Figure 22.
TJ = 25°C, unless otherwise specified.
Oscillator Frequency vs Temperature - "X"
Oscillator Frequency vs Temperature - "Y"
Figure 10.
Figure 11.
Current Limit vs Temperature
Vin = 3.3V
RDSON vs Temperature
Figure 12.
Figure 13.
LMR10520X IQ (Quiescent Current)
LMR10520Y IQ (Quiescent Current)
Figure 14.
Figure 15.
6
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: LMR10520


Número de pieza similar - LMR10520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR10520 TI-LMR10520 Datasheet
438Kb / 19P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 2.0A Step-Down Voltage Regulator in LLP
LMR10520XSD TI-LMR10520XSD Datasheet
438Kb / 19P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 2.0A Step-Down Voltage Regulator in LLP
LMR10520XSDE TI-LMR10520XSDE Datasheet
438Kb / 19P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 2.0A Step-Down Voltage Regulator in LLP
LMR10520XSDX TI-LMR10520XSDX Datasheet
438Kb / 19P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 2.0A Step-Down Voltage Regulator in LLP
LMR10520YSD TI-LMR10520YSD Datasheet
438Kb / 19P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 2.0A Step-Down Voltage Regulator in LLP
More results

Descripción similar - LMR10520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR10530 TI-LMR10530_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 3.0A Step-Down Voltage Regulator in WSON-10
LMR10515XMFE TI-LMR10515XMFE Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10515 TI1-LMR10515_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10515 SIMPLE SWITCHER 5.5Vin, 1.5A Step-Down Voltage Regulator in SOT-23 and WSON
LMR10520 TI-LMR10520 Datasheet
438Kb / 19P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 2.0A Step-Down Voltage Regulator in LLP
LMR24220 TI-LMR24220_15 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 2.0A Step-Down Voltage Regulator
LMR10510 TI1-LMR10510_14 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
LMR12015 TI1-LMR12015 Datasheet
1Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER 20Vin, 1.5A/2A Step-Down Voltage Regulator in WSON-10
LMR10510 TI1-LMR10510_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMR10510 SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com