Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR64010 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMR64010
Descripción Electrónicos  SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMR64010 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMR64010 Datasheet HTML 2Page - Texas Instruments LMR64010 Datasheet HTML 3Page - Texas Instruments LMR64010 Datasheet HTML 4Page - Texas Instruments LMR64010 Datasheet HTML 5Page - Texas Instruments LMR64010 Datasheet HTML 6Page - Texas Instruments LMR64010 Datasheet HTML 7Page - Texas Instruments LMR64010 Datasheet HTML 8Page - Texas Instruments LMR64010 Datasheet HTML 9Page - Texas Instruments LMR64010 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
0
50
100
150
200
250
300 350
0
10
20
30
40
50
60
70
80
90
100
VIN = 10V
VIN = 5V
LOAD CURRENT (mA)
0
50
100 150 200 250
300 350 400
0
10
20
30
40
50
60
70
80
90
100
VIN = 10V
VIN = 5V
LOAD CURRENT (mA)
0
100
200
300
400
500
600 700
0
10
20
30
40
50
60
70
80
90
100
VIN = 10V
VIN = 5V
VIN = 3.3V
LOAD CURRENT (mA)
LOAD CURRENT (mA)
0
200
400
600
800
1000
0
10
20
30
40
50
60
70
80
90
100
VIN = 10V
VIN = 5V
VIN = 3.3V
LMR64010
SNVS736A – SEPTEMBER 2011 – REVISED NOVEMBER 2011
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN = 5V, SHDN pin is tied to VIN.
RDS(ON) vs VIN
Efficiency vs Load Current (VOUT = 12V)
Figure 8.
Figure 9.
Efficiency vs Load Current (VOUT = 15V)
Efficiency vs Load Current (VOUT = 20V)
Figure 10.
Figure 11.
Efficiency vs Load Current (VOUT = 25V)
Efficiency vs Load Current (VOUT = 30V)
Figure 12.
Figure 13.
6
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: LMR64010


Número de pieza similar - LMR64010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR64010 TI1-LMR64010 Datasheet
1Mb / 12P
[Old version datasheet]   Application Note 2183 LMR62014/LMR64010 Demo Board
logo
National Semiconductor ...
LMR64010XMF NSC-LMR64010XMF Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010XMF TI1-LMR64010XMF Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
More results

Descripción similar - LMR64010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR62010 TI1-LMR62010 Datasheet
1Mb / 21P
[Old version datasheet]   LMR64010 SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
National Semiconductor ...
LMR12010 NSC-LMR12010 Datasheet
417Kb / 16P
   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
logo
Texas Instruments
LMR12010 TI1-LMR12010_14 Datasheet
1Mb / 27P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR62421 TI1-LMR62421_14 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014_14 Datasheet
1Mb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR62421 TI1-LMR62421 Datasheet
421Kb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
logo
National Semiconductor ...
LMR62014 NSC-LMR62014 Datasheet
396Kb / 14P
   SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR62014 TI1-LMR62014_15 Datasheet
1Mb / 22P
[Old version datasheet]   LMR62014 SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com