Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM20323 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM20323
Descripción Electrónicos  36V, 3A 500 kHz Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM20323 Datasheet(HTML) 2 Page - Texas Instruments

  LM20323 Datasheet HTML 1Page - Texas Instruments LM20323 Datasheet HTML 2Page - Texas Instruments LM20323 Datasheet HTML 3Page - Texas Instruments LM20323 Datasheet HTML 4Page - Texas Instruments LM20323 Datasheet HTML 5Page - Texas Instruments LM20323 Datasheet HTML 6Page - Texas Instruments LM20323 Datasheet HTML 7Page - Texas Instruments LM20323 Datasheet HTML 8Page - Texas Instruments LM20323 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
VIN
1
FB
SS/TRK
SW
VIN
GND
AGND
SW
EN
VIN
PGOOD
COMP
EP
VCC
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SW
GND
GND
SW
VIN
NC
BOOT
CIN
VIN
SW
AGND
FB
PGOOD
VOUT
RFB1
RFB2
COUT
EN
SS/TRK
VCC
CVCC
CC1
COMP
RC1
VIN
LM20323
BOOT
GND
L
CBOOT
D1
(Optional)
LM20323
SNVS557B – MAY 2008 – REVISED JANUARY 2009
www.ti.com
Simplified Application Circuit
Connection Diagram
Figure 1. Top View
eTSSOP-20 Package
Pin Functions
Pin Descriptions
Pin(s)
Name
Description
Application Information
1
SS/TRK
Soft-Start or Tracking control input
An internal 4.5 µA current source charges an external capacitor to set
the soft-start rate. The PWM can track to an external voltage ramp with
a low impedance source. If left open, an internal 1 ms SS ramp is
activated.
2
FB
Feedback input to the error amplifier
This pin is connected to the inverting input of the internal
from the regulated output
transconductance error amplifier. An 800 mV reference is internally
connected to the non-inverting input of the error amplifier.
3
PGOOD
Power good output signal
Open drain output indicating the output voltage is regulating within
tolerance. A pull-up resistor of 10 k
Ω to 100 kΩ is recommended if this
function is used.
4
COMP
Output of the internal error amplifier and
The loop compensation network should be connected between the
input to the Pulse Width Modulator
COMP pin and the AGND pin.
5,6,15,16
VIN
Input supply voltage
Nominal operating range: 4.5V to 36V.
7,8,13,14
SW
Switch pin
The drain terminal of the internal Synchronous Rectifier power
NMOSFET and the source terminal of the internal Control power
NMOSFET.
9,10,11
GND
Ground
Internal reference for the power MOSFETs.
12
AGND
Analog ground
Internal reference for the regulator control functions.
17
BOOT
Boost input for bootstrap capacitor
An internal diode from VCC to BOOT charges an external capacitor
required from SW to BOOT to power the Control MOSFET gate driver.
18
VCC
Output of the high voltage linear
VCC tracks VIN up to about 7.2V. Above VIN = 7.2V, VCC is regulated
regulator. The VCC voltage is regulated
to approximately 5.5 Volts. A 0.1 µF to 1 µF ceramic decoupling
to approximately 5.5V.
capacitor is required. The VCC pin is an output only.
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LM20323


Número de pieza similar - LM20323

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323AMH NSC-LM20323AMH Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323AMHE NSC-LM20323AMHE Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323AMHX NSC-LM20323AMHX Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
More results

Descripción similar - LM20323

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
[Old version datasheet]   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI-LM20343_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
Diodes Incorporated
AP6507 DIODES-AP6507 Datasheet
448Kb / 13P
   500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com