Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM34917A Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza LM34917A
Descripción Electrónicos  Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM34917A Datasheet(HTML) 1 Page - Texas Instruments

  LM34917A_14 Datasheet HTML 1Page - Texas Instruments LM34917A_14 Datasheet HTML 2Page - Texas Instruments LM34917A_14 Datasheet HTML 3Page - Texas Instruments LM34917A_14 Datasheet HTML 4Page - Texas Instruments LM34917A_14 Datasheet HTML 5Page - Texas Instruments LM34917A_14 Datasheet HTML 6Page - Texas Instruments LM34917A_14 Datasheet HTML 7Page - Texas Instruments LM34917A_14 Datasheet HTML 8Page - Texas Instruments LM34917A_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM34917A
www.ti.com
SNOSAX7C – DECEMBER 2007 – REVISED MAY 2008
LM34917A Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with
Intelligent Current Limit
Check for Samples: LM34917A
1
FEATURES
Maximum switching frequency: 2 MHz
Operating frequency remains nearly constant
2
Functional Input Voltage Range: 8V to 33V
with load current and input voltage variations
Micro SMD package
Programmable soft-start
Input Over-Voltage Shutdown at
≊35V
Precision internal reference
Transient Capability to 50V
Adjustable output voltage
Integrated N-Channel buck switch
Thermal shutdown
Valley current limit varies with VIN and VOUT to
reduce excessive inductor current
TYPICAL APPLICATIONS
On-time is reduced when in current limit
High Efficiency Point-Of-Load (POL) Regulator
Integrated start-up regulator
Non-Isolated Buck Regulator
No loop compensation required
Secondary High Voltage Post Regulator
Ultra-Fast transient response
DESCRIPTION
The LM34917A Step-Down Switching Regulator features all the functions needed to implement a low cost,
efficient, buck bias regulator capable of supplying at least 1.25A to the load. To reduce excessive switch current
due to the possibility of a saturating inductor the valley current limit threshold changes with input and output
voltages, and the on-time is reduced when current limit is detected. This buck regulator contains an N-Channel
Buck Switch, and is available in the 12 pin micro SMD package. The constant on-time feedback regulation
scheme requires no loop compensation, results in fast load transient response, and simplifies circuit
implementation. The operating frequency remains constant with line and load variations due to the inverse
relationship between the input voltage and the on-time. The valley current limit results in a smooth transition from
constant voltage to constant current mode when current limit is detected, reducing the frequency and output
voltage, without the use of foldback. Additional features include: VCC under-voltage lock-out, input over-voltage
shutdown, thermal shutdown, gate drive under-voltage lock-out, and maximum duty cycle limit.
Package
micro SMD Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LM34917A_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
More results

Descripción similar - LM34917A_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI-LM34914_15 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34914 NSC-LM34914 Datasheet
328Kb / 14P
   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI1-LM34914_14 Datasheet
838Kb / 21P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
LM34930 TI1-LM34930 Datasheet
1Mb / 24P
[Old version datasheet]   1A Constant On-Time Buck Switching Regulator with Intelligent Current
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com