Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DS25CP102 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DS25CP102
Descripción Electrónicos  3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DS25CP102 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS25CP102 Datasheet HTML 4Page - Texas Instruments DS25CP102 Datasheet HTML 5Page - Texas Instruments DS25CP102 Datasheet HTML 6Page - Texas Instruments DS25CP102 Datasheet HTML 7Page - Texas Instruments DS25CP102 Datasheet HTML 8Page - Texas Instruments DS25CP102 Datasheet HTML 9Page - Texas Instruments DS25CP102 Datasheet HTML 10Page - Texas Instruments DS25CP102 Datasheet HTML 11Page - Texas Instruments DS25CP102 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
50: MS
50: MS
50: MS
50: MS
L=1"
L=1"
L=1"
L=1"
L = A, B or C
100: Diff.
Stripline
50:
Microstrip
L=4"
L=4"
L=4"
L=4"
TEST
CHANNEL
DS25CP102
CHARACTERIZATION BOARD
½ DS25CP102
PATTERN
GENERATOR
OSCILLOSCOPE
50:
Microstrip
50:
Microstrip
50:
Microstrip
TEST
CHANNEL
DS25CP102
SNLS262D – OCTOBER 2007 – REVISED MAY 2011
www.ti.com
Figure 8. Pre-Emphasis and Equalization Performance Test Circuit
Figure 9. Test Channel Block Diagram
Test Channel Loss Characteristics
The test channel was fabricated with Polyclad PCL-FR-370-Laminate/PCL-FRP-370 Prepreg materials (Dielectric
constant of 3.7 and Loss Tangent of 0.02). The edge coupled differential striplines have the following geometries:
Trace Width (W) = 5 mils, Gap (S) = 5 mils, Height (B) = 16 mils.
Test Channel
Length
Insertion Loss (dB)
(inches)
500 MHz
750 MHz
1000 MHz
1250 MHz
1500 MHz
1560 MHz
A
10
-1.2
-1.7
-2.0
-2.4
-2.7
-2.8
B
20
-2.6
-3.5
-4.1
-4.8
-5.5
-5.6
C
30
-4.3
-5.7
-7.0
-8.2
-9.4
-9.7
D
15
-1.6
-2.2
-2.7
-3.2
-3.7
-3.8
E
30
-3.4
-4.5
-5.6
-6.6
-7.7
-7.9
F
60
-7.8
-10.3
-12.4
-14.5
-16.6
-17.0
8
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: DS25CP102


Número de pieza similar - DS25CP102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
1Mb / 21P
[Old version datasheet]   DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102Q NSC-DS25CP102Q Datasheet
390Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q NSC-DS25CP102Q Datasheet
423Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results

Descripción similar - DS25CP102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q TI1-DS25CP102Q_13 Datasheet
1Mb / 22P
[Old version datasheet]   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102Q NSC-DS25CP102Q Datasheet
390Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102_14 Datasheet
1Mb / 21P
[Old version datasheet]   DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102Q NSC-DS25CP102Q_09 Datasheet
423Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102Q TI1-DS25CP102Q_14 Datasheet
1Mb / 23P
[Old version datasheet]   DS25CP102Q Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre- Emphasis and Receive Equalization
DS25CP104A TI1-DS25CP104A_15 Datasheet
1Mb / 31P
[Old version datasheet]   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP104 NSC-DS25CP104_07 Datasheet
540Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104A NSC-DS25CP104A Datasheet
600Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com