Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMT0-27-4 Datasheet(PDF) 8 Page - Radiometrix Ltd

No. de pieza LMT0-27-4
Descripción Electrónicos  27MHz HF Narrow Band FM multi channel radio modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RADIOMETRIX [Radiometrix Ltd]
Página de inicio  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

LMT0-27-4 Datasheet(HTML) 8 Page - Radiometrix Ltd

Back Button LMT0-27-4 Datasheet HTML 2Page - Radiometrix Ltd LMT0-27-4 Datasheet HTML 3Page - Radiometrix Ltd LMT0-27-4 Datasheet HTML 4Page - Radiometrix Ltd LMT0-27-4 Datasheet HTML 5Page - Radiometrix Ltd LMT0-27-4 Datasheet HTML 6Page - Radiometrix Ltd LMT0-27-4 Datasheet HTML 7Page - Radiometrix Ltd LMT0-27-4 Datasheet HTML 8Page - Radiometrix Ltd LMT0-27-4 Datasheet HTML 9Page - Radiometrix Ltd LMT0-27-4 Datasheet HTML 10Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Radiometrix Ltd
LMT0/LMR0 Data Sheet
page 8
Condensed specifications
Frequency
26.995, 27.045, 27.095, 27.145, 27.195, 27.255MHz (Standard)
Any 0.5MHz wide sub-band in 26-28MHz (General)
Frequency stability LMT0
LMR0
±1.0kHz
±0.5kHz
Channel spacing
10kHz
Number of channels
6 channels (standard)
16 channels controlled by parallel port or 32 via serial 4V level
UART interface
Operating temperature
-20 ºC to +70 ºC (Storage -30 ºC to +70 ºC)
Spurious radiations
Compliant with ETSI EN 300 220-2 and EN 301 489-3
Meets FCC Part 95
Transmitter
Output power
+10dBm (10mW) ±1dB nominal [factory fixed RF power variants]
+20dBm (100mW) ±1dB nominal
Peak deviation
±1.2kHz
TX on switching time
30ms from TXE transition
Modulation type
FSK (F3D)
TX modulation bandwidth
DC – 4kHz (CMOS compatible)
Adjacent channel TX power
<-37dBm
TX spurious
<-40dBm
(<-54dBm in forbidden bands)
No RF output in Standby
Supply
Voltage
4.1V – 15V
Current
40mA for 10mW transmission
100mA for 100mW transmission
<5
A standby (TXE high or floating)
Inputs
Data (CMOS/TTL compatible)
Size
33 x 23 x 9mm
Interface
User
10 (8) pin 0.1" pitch dual row (5+5) header
RF
2pin 0.1” pitch
Recommended PCB hole size
1.2mm
Receiver
Sensitivity
-115dBm for 12dB SINAD
Image, Spurii
<-60db
Blocking
Better than 90dB
LO re-radiation
-70dBm
Supply
Voltage
3.1V – 15V
Current
20mA receive
<1
A standby (RXE low)
Outputs
RSSI, audio, data (quasi DC data recovery circuit)
Size
46 x 23 x 9 mm
Interface
User
10 pin 0.1" pitch dual row (5+5) header
RF
2pin 0.1” pitch
Recommended PCB hole size
1.2mm


Número de pieza similar - LMT0-27-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Radiometrix Ltd
LMT0-27-4 RADIOMETRIX-LMT0-27-4 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMT0-27-4-100mW RADIOMETRIX-LMT0-27-4-100mW Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
More results

Descripción similar - LMT0-27-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Radiometrix Ltd
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
NTX0 RADIOMETRIX-NTX0 Datasheet
405Kb / 8P
   27MHz HF Narrow Band FM TX & RX
NRX0 RADIOMETRIX-NRX0 Datasheet
405Kb / 8P
   27MHz HF Narrow Band FM TX & RX
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com