Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

054942 Datasheet(PDF) 1 Page - ERNI Electronics

No. de pieza 054942
Descripción Electrónicos  TMC-P 3W3-EP-9.0-COD2-3
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ERNI [ERNI Electronics]
Página de inicio  http://www.erni.com
Logo ERNI - ERNI Electronics

054942 Datasheet(HTML) 1 Page - ERNI Electronics

  054942 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
114161
054116
054116
A
A
1
2
3
25,1
+0,2
33,3 0,2
27,5 0,3
39,1 0,3
13,72
9
3,2
4,5
min.
3
min.
6,4
9
3,2
3,9
l
9
1,5
max
8,8
+0,1
-0,3
Index
Date
Information:
Scale
Designation
Tolerances
054942
TMC-P 3W3-EP-9.0-COD2-3
TMC-P 3W3-EP-9.0-COD2-3
2:1
TMCP
I
All rights reserved.
Only for information.
To insure that this is the latest
version of this drawing, please
contact one of the ERNI companies
before using.
Subject to modification without
prior notice.
Drawing will not be updated.
M:00021133.SZN
(min. 2.5)
(5.9)
Refer to table on page 2
Pressfit
9.0 mm
3WK3
Refer to table on page 2
201=0.8
µm (30 µin) Au CONTACT, GOLD/LEAD TERMINAL
ERNI
Refer to table on page 2
Refer to table on page 2
l = 3.7/5.6/6.0/6.3/9.0
Schnitt A-A /
cross section A-A
Schichtaufbau im metallisierten Loch /
für Einpressbolzen Zeichnung 114109 /
for press-fit bolt drawing 114109
metal plating of plated-through hole
für Einpresskontakt Zeichnung 114110 /
for press-fit contact drawing 114110
All Dimensions
in mm
www.ERNI.com
Ident-Nr. /
Polzahl /
Anschlußart /
Anschlußlänge /
Bauart /
Anforderungsstufe /
Aufdruck /
Zubehör /
Sonderausführung /
Part No. :
No. of contacts :
Terminal Type :
Terminal Length :
Type :
Class :
Logo :
Accessory :
Special :
Einpressbolzen
press-fit bolt :
Einpressbolzen / Gewindehülse
press-fit bolt / threaded sleeve :
Nietmutter mit Klemmteil
clamping thread :
Nietmutter /
riveted nut :
Abstandshülse /
standoff :
Gehäuse genietet
riveted housing :


Número de pieza similar - 054942

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ERNI Electronics
054941 ERNI-054941 Datasheet
245Kb / 2P
   TMC-S 3W3-LP07-3
054944 ERNI-054944 Datasheet
272Kb / 2P
   TMC-S 3W3-EP36-9,0-COD2-3
logo
Molex Electronics Ltd.
0549442070 MOLEX7-0549442070 Datasheet
251Kb / 4P
   0.50mm (.020") Pitch Cradlecon??I/O Receptacle, SMT, Right Angle, Through Hole Shell Tabs, 20 Circuits
More results

Descripción similar - 054942

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ERNI Electronics
054879 ERNI-054879 Datasheet
252Kb / 1P
   TMC-P 3W3-EP-9.0-3
054944 ERNI-054944 Datasheet
272Kb / 2P
   TMC-S 3W3-EP36-9,0-COD2-3
054882 ERNI-054882 Datasheet
249Kb / 1P
   TMC-S 3W3-EP36-9.0-3
054880 ERNI-054880 Datasheet
264Kb / 1P
   TMC-P 5W5-EP-9.0-5
054981 ERNI-054981 Datasheet
252Kb / 2P
   TMC-P 3W3-LP07-3
054955 ERNI-054955 Datasheet
259Kb / 2P
   TMC-P 3W3-EP36-6.3-3
054941 ERNI-054941 Datasheet
245Kb / 2P
   TMC-S 3W3-LP07-3
054950 ERNI-054950 Datasheet
262Kb / 2P
   TMC-S 3W3-EP36-6.3-3
054883 ERNI-054883 Datasheet
74Kb / 2P
   TMC-S 5W5-EP36-9.0-5
054984 ERNI-054984 Datasheet
70Kb / 2P
   TMC-P 3WK3-LP07-3
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com