Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3503ITLX-25NOPB Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza LM3503ITLX-25NOPB
Descripción Electrónicos  Dual-Display Constant Current LED Driver with Analog Brightness Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3503ITLX-25NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3503ITLX-25NOPB Datasheet HTML 2Page - Texas Instruments LM3503ITLX-25NOPB Datasheet HTML 3Page - Texas Instruments LM3503ITLX-25NOPB Datasheet HTML 4Page - Texas Instruments LM3503ITLX-25NOPB Datasheet HTML 5Page - Texas Instruments LM3503ITLX-25NOPB Datasheet HTML 6Page - Texas Instruments LM3503ITLX-25NOPB Datasheet HTML 7Page - Texas Instruments LM3503ITLX-25NOPB Datasheet HTML 8Page - Texas Instruments LM3503ITLX-25NOPB Datasheet HTML 9Page - Texas Instruments LM3503ITLX-25NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Driver Logic
+
-
Oscillator
Current Sense
+
-
Thermal Shutdown
Duty Limit
Reference
Duty Limit
Comparator
Fb
UVP
Comparator
OVP
Comparator
PWM
Comparator
Light Load
Comparator
Light Load
Reference
VIN
Sw
VOUT1
VOUT2
Fb
En2
En1
PGND
Cntrl
AGND
N1
N2
P1
Error
Amplifier
UVP
Reference
OVP
Reference
Current Limit
Soft Start
9
15,16
12
10
14
4
7
6
2,3
13
FET Logic
+
-
+
-
+
-
+
-
LM3503
SNVS329D – JULY 2005 – REVISED AUGUST 2006
www.ti.com
Block Diagram
Figure 3. Block Diagram
Detailed Description of Operation
The LM3503 utilizes an asynchronous current mode pulse-width-modulation (PWM) control scheme to regulate
the feedback voltage over specified load conditions. The DC/DC converter behaves as a controlled current
source for white LED applications. The operation can best be understood by referring to the block diagram in
Figure 3 for the following operational explanation. At the start of each cycle, the oscillator sets the driver logic
and turns on the internal NMOS power device, N1, conducting current through the inductor and reverse biasing
the external diode. The white LED current is supplied by the output capacitor when the internal NMOS power
device, N1, is turned on. The sum of the error amplifier’s output voltage and an internal voltage ramp are
compared with the sensed power NMOS, N1, switch voltage. Once these voltages are equal, the PWM
comparator will then reset the driver logic, thus turning off the internal NMOS power device, N1, and forward
biasing the external diode. The inductor current then flows through the diode to the white LED load and output
capacitor. The inductor current recharges the output capacitor and supplies the current for the white LED load.
The oscillator then sets the driver logic again repeating the process. The output voltage of the error amplifier
controls the current through the inductor. This voltage will increase for larger loads and decrease for smaller
loads limiting the peak current in the inductor and minimizing EMI radiation. The duty limit comparator is always
operational, it prevents the internal NMOS power switch, N1, from being on for more than one oscillator cycle
and conducting large amounts of current. The light load comparator allows the LM3503 to properly regulate
light/small white LED load currents, where regulation becomes difficult for the LM3503’s primary control loop.
Under light load conditions, the LM3503 will enter into a pulse skipping pulse-frequency-mode (PFM) of operation
where the operational frequency will vary with the load. As a result of PFM mode operation, the output voltage
ripple magnitude will significantly increase.
6
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Links: LM3503


Número de pieza similar - LM3503ITLX-25NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3503ITLX-25 NSC-LM3503ITLX-25 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503ITLX-25 NSC-LM3503ITLX-25 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results

Descripción similar - LM3503ITLX-25NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com