Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3448 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza LM3448
Descripción Electrónicos  Phase Dimmable Offline LED Driver with Integrated FET
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3448 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3448 Datasheet HTML 5Page - Texas Instruments LM3448 Datasheet HTML 6Page - Texas Instruments LM3448 Datasheet HTML 7Page - Texas Instruments LM3448 Datasheet HTML 8Page - Texas Instruments LM3448 Datasheet HTML 9Page - Texas Instruments LM3448 Datasheet HTML 10Page - Texas Instruments LM3448 Datasheet HTML 11Page - Texas Instruments LM3448 Datasheet HTML 12Page - Texas Instruments LM3448 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
DELAY
DELAY
(a)
(b)
(c)
?
?
LM3448
www.ti.com
SNOSB51B – SEPTEMBER 2011 – REVISED NOVEMBER 2011
Figure 16. Line Voltage and Dimming Waveforms
Voltage waveforms for a simple TRIAC dimmer are shown in Figure 16. Figure 16(a) shows the full sinusoid of
the input voltage. Even when set to full brightness, few dimmers will provide 100% on-time (i.e. the full sinusoid).
Figure 16(b) shows a theoretical waveform from a dimmer. The on-time is often referred to as the "conduction
angle" and may be stated in degrees or radians. The off-time represents the delay caused by the RC circuit
feeding the TRIAC. The off-time can be referred to as the "firing angle" and is simply (180° -
θ).
Figure 16(c) shows a waveform from a reverse phase dimmer, sometimes referred to as an electronic dimmer.
These typically are more expensive, microcontroller based dimmers that use switching elements other than
TRIACs. Note that the conduction starts from the zero-crossing and terminates some time later. This method of
control reduces the noise spike at the transition. Since the LM3448 has been designed to assess the relative on-
time and control the LED current accordingly, most phase control dimmers both forward and reverse phase may
be used with success.
A bridge rectifier converts the line (mains) voltage of Figure 17(b) into a series of half-sines as shown in
Figure 17(a).
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3448


Número de pieza similar - LM3448

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3444 NSC-LM3444 Datasheet
3Mb / 14P
   120VAC, 8W Isolated Flyback LED Driver Industrial and Commercial Lighting
logo
Texas Instruments
LM3444 TI-LM3444 Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
logo
National Semiconductor ...
LM3444-230VAC NSC-LM3444-230VAC Datasheet
2Mb / 18P
   8W Isolated Flyback LED Driver Industrial and Commercial Lighting
More results

Descripción similar - LM3448

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
   HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
AL1697 DIODES-AL1697 Datasheet
559Kb / 13P
   High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com