Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3502SQ-16 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza LM3502SQ-16
Descripción Electrónicos  Step-Up Converter for White LED Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3502SQ-16 Datasheet(HTML) 1 Page - Texas Instruments

  LM3502SQ-16 Datasheet HTML 1Page - Texas Instruments LM3502SQ-16 Datasheet HTML 2Page - Texas Instruments LM3502SQ-16 Datasheet HTML 3Page - Texas Instruments LM3502SQ-16 Datasheet HTML 4Page - Texas Instruments LM3502SQ-16 Datasheet HTML 5Page - Texas Instruments LM3502SQ-16 Datasheet HTML 6Page - Texas Instruments LM3502SQ-16 Datasheet HTML 7Page - Texas Instruments LM3502SQ-16 Datasheet HTML 8Page - Texas Instruments LM3502SQ-16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM3502-44
VIN
Sw
En1
En2
Fb
Cntrl
AGND
PGND
VOUT1
VOUT2
L
22 PH
D
CIN
4.7 PF
COUT
1 PF
R1
VSUPPLY
MAIN:
2 to 5
LEDs
SUB:
2 to 5
LEDs
Logic
Voltage
Signal
Inputs
LM3502
www.ti.com
SNVS339A – SEPTEMBER 2005 – REVISED AUGUST 2006
LM3502 Step-Up Converter for White LED Applications
Check for Samples: LM3502
1
FEATURES
Wide Input Voltage: 2.5V to 5.5V
Small External Components
2
Drive up to 4, 6, 8 or 10 White LEDs for Dual
Display Backlighting
Low Profile Packages: <1 mm Height
>80% Efficiency
10 Bump DSBGA
Output Voltage Options: 16V , 25V , 35V, and
16 Pin WQFN
44V
APPLICATIONS
Input Under-Voltage Protection
Internal Soft Start Eliminating Inrush Current
Dual Display Backlighting in Portable Devices
1 MHz Constant Switching Frequency
Cellular Phones and PDAs
DESCRIPTION
The LM3502 is a white LED driver for lighting applications. For dual display or large single white LED string
backlighting applications, the LM3502 provides a complete solution. The LM3502 contains two internal white LED
current bypass FET(Field Effect Transistor) switches that are ideal for controlling dual display applications. The
white LED current can be adjusted with a PWM signal directly from a microcontroller without the need of an RC
filter network.
With no external compensation, cycle-by-cycle current limit, over-voltage protection, and under-voltage
protection, the LM3502 offers superior performance over other application specific standard product step-up
white LED drivers.
Typical Application
Figure 1. Blacklight Configuration with 10 White LEDs
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LM3502SQ-16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3502SQ-16 NSC-LM3502SQ-16 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3502SQ-16 NSC-LM3502SQ-16 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502SQ-16/NOPB TI1-LM3502SQ-16/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
More results

Descripción similar - LM3502SQ-16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com