Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3406 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3406
Descripción Electrónicos  1.5A Constant Current Buck Regulator for Driving High Power LEDs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3406 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3406 Datasheet HTML 7Page - Texas Instruments LM3406 Datasheet HTML 8Page - Texas Instruments LM3406 Datasheet HTML 9Page - Texas Instruments LM3406 Datasheet HTML 10Page - Texas Instruments LM3406 Datasheet HTML 11Page - Texas Instruments LM3406 Datasheet HTML 12Page - Texas Instruments LM3406 Datasheet HTML 13Page - Texas Instruments LM3406 Datasheet HTML 14Page - Texas Instruments LM3406 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
GND
DIM
BOOT
SW
VOUT
RON
LM3406/06HV
VIN,VINS
D1
L1
CB
RSNS
CF
RON
CIN
VIN
IF
VCC
CS
COMP
CC
Q1
GND
BOOT
SW
VOUT
RON
LM3406/06HV
VIN
D2
L1
CB
RSNS
CF
RON
CIN
VIN
IF
VCC
CS
COMP
CC
VINS
D1
DIM
LM3406, LM3406HV
www.ti.com
SNVS512C – SEPTEMBER 2008 – REVISED FEBRUARY 2010
Figure 13. Typical Application using Two-Wire Dimming
PARALLEL MOSFET FOR HIGH-SPEED PWM DIMMING
For applications that require dimming at high frequency or with wide dimming duty cycle range neither the VINS
comparator or the DIM pin are capable of slewing the LED current from 0 to the target level fast enough. For
such applications the LED current slew rate can by increased by shorting the LED current with a N-MOSFET
placed in parallel to the LED or LED array, as shown in Figure 14. While the parallel FET is on the output current
flows through it, effectively reducing the output voltage to equal the CS pin voltage of 0.2V. This dimming method
maintains a continuous current through the inductor, and therefore eliminates the biggest delay in turning the
LED(s) or and off. The trade-off with parallel FET dimming is that more power is wasted while the FET is on,
although in most cases the power wasted is small compared to the power dissipated in the LEDs. Parallel FET
circuits should use no output capacitance or a bare minimum for noise filtering in order to minimize the slew rate
of output voltage. Dimming FET Q1 can be driven from a ground-referenced source because the source stays at
0.2V along with the CS pin.
Figure 14. Dimming with a Parallel FET
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3406 LM3406HV


Número de pieza similar - LM3406

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3406 TI1-LM3406 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
Cystech Electonics Corp...
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
   DC-to-DC Converter Control Circuit
logo
National Semiconductor ...
LM3406HV NSC-LM3406HV Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
More results

Descripción similar - LM3406

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3406 NSC-LM3406 Datasheet
479Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3406 NSC-LM3406_09 Datasheet
523Kb / 26P
   1.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com