Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3405A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3405A
Descripción Electrónicos  1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3405A Datasheet(HTML) 2 Page - Texas Instruments

  LM3405A Datasheet HTML 1Page - Texas Instruments LM3405A Datasheet HTML 2Page - Texas Instruments LM3405A Datasheet HTML 3Page - Texas Instruments LM3405A Datasheet HTML 4Page - Texas Instruments LM3405A Datasheet HTML 5Page - Texas Instruments LM3405A Datasheet HTML 6Page - Texas Instruments LM3405A Datasheet HTML 7Page - Texas Instruments LM3405A Datasheet HTML 8Page - Texas Instruments LM3405A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
1
2
3
6
5
4
BOOST
GND
FB
SW
VIN
EN/DIM
1
4
3
2
8
5
6
7
SW
GND
VIN
EN/DIM
BOOST
GND
FB
NC
LM3405A
SNVS508B – OCTOBER 2007 – REVISED OCTOBER 2008
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAMS
Figure 1. 6-Lead SOT Package
Figure 2. 8-Lead MSOP PowerPAD Package
See Package Number DDC0006A
See Package Number DGN0008A
SOT-6 Pin Descriptions
Pin No.
Name
Application Information
Boost voltage that drives the NMOS output switch. A bootstrap capacitor is connected between the BOOST and
1
BOOST
SW pins.
2
GND
Signal and power ground pin. Place the bottom resistor of the feedback network as close as possible to this pin.
3
FB
Feedback pin. Connect FB to external resistor divider to set output voltage.
Enable control input. Logic high enables operation. Toggling this pin with a periodic logic square wave of varying
4
EN/DIM
duty cycle at different frequencies controls the brightness of LEDs. Do not allow this pin to float or be greater than
VIN + 0.3V.
5
VIN
Input supply voltage. Connect a bypass capacitor locally from this pin to GND.
6
SW
Switch pin. Connect this pin to the inductor, catch diode, and bootstrap capacitor.
MSOP8 PowerPAD Pin Descriptions
Pin No.
Name
Function
1
FB
Feedback pin. Connect FB to external resistor divider to set output voltage.
2, 7
GND
Signal and power ground pin. Place the bottom resistor of the feedback network as close as possible to this pin. Tie
pins 2, 7 and DAP to one GND plane.
3
NC
No Connection
4
BOOST
Boost voltage that drives the NMOS output switch. A bootstrap capacitor is connected between the BOOST and SW
pins.
5
SW
Switch pin. Connect this pin to the inductor, catch diode, and bootstrap capacitor.
6
VIN
Input supply voltage. Connect a bypass capacitor locally from this pin to GND.
8
EN/DIM
Enable control input. Logic high enables operation. Toggling this pin with a periodic logic square wave of varying
duty cycle at different frequencies controls the brightness of LEDs. Do not allow this pin to float or be greater than
VIN + 0.3V.
DAP
Attach to power ground pin
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LM3405A


Número de pieza similar - LM3405A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3405A NSC-LM3405A Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3405A NSC-LM3405A Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3405A TI-LM3405A Datasheet
1Mb / 32P
[Old version datasheet]   LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
logo
National Semiconductor ...
LM3405AXMK NSC-LM3405AXMK Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3405AXMK NSC-LM3405AXMK Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
More results

Descripción similar - LM3405A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3405AXMY TI-LM3405AXMY Datasheet
1Mb / 32P
[Old version datasheet]   LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
logo
National Semiconductor ...
LM3405A NSC-LM3405A Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3405A NSC-LM3405A_08 Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3410 TI1-LM3410_14 Datasheet
1Mb / 44P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410XMF TI-LM3410XMF Datasheet
1Mb / 49P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3410 NSC-LM3410 Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410 NSC-LM3410_08 Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Texas Instruments
LM3410 TI1-LM3410 Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3405 NSC-LM3405_07 Datasheet
483Kb / 20P
   1.6MHz, 1A Constant Current Buck Regulator for Powering LEDs
LM3405 NSC-LM3405 Datasheet
447Kb / 2P
   550kHz/1.6MHz 1A Constant Current Buck Regulator for Powering LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com