Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3404HV Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM3404HV
Descripción Electrónicos  1.0A Constant Current Buck Regulator for Driving High Power LEDs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3404HV Datasheet(HTML) 2 Page - Texas Instruments

  LM3404HV Datasheet HTML 1Page - Texas Instruments LM3404HV Datasheet HTML 2Page - Texas Instruments LM3404HV Datasheet HTML 3Page - Texas Instruments LM3404HV Datasheet HTML 4Page - Texas Instruments LM3404HV Datasheet HTML 5Page - Texas Instruments LM3404HV Datasheet HTML 6Page - Texas Instruments LM3404HV Datasheet HTML 7Page - Texas Instruments LM3404HV Datasheet HTML 8Page - Texas Instruments LM3404HV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
SW
1
RON
2
VIN
3
BOOT
4
VCC
8
GND
7
DIM
6
CS
5
SW
1
RON
2
VIN
3
BOOT
4
VCC
8
GND
7
DIM
6
CS
5
DAP
LM3404, LM3404HV
SNVS465E – OCTOBER 2006 – REVISED FEBRUARY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Connection Diagrams
Figure 1. 8-Lead Plastic SOIC-8 Package
Figure 2. 8-Lead Plastic So PowerPAD-8 Package
PIN DESCRIPTIONS
Pin(s)
Name
Description
Application Information
1
SW
Switch pin
Connect this pin to the output inductor and Schottky diode.
2
BOOT
MOSFET drive bootstrap pin
Connect a 10 nF ceramic capacitor from this pin to SW.
3
DIM
Connect a logic-level PWM signal to this pin to enable/disable the power
Input for PWM dimming
MOSFET and reduce the average light output of the LED array.
4
GND
Ground pin
Connect this pin to system ground.
5
CS
Set the current through the LED array by connecting a resistor from this pin to
Current sense feedback pin
ground.
6
RON
On-time control pin
A resistor connected from this pin to VIN sets the regulator controlled on-time.
7
VCC
Output of the internal 7V linear
Bypass this pin to ground with a minimum 0.1 µF ceramic capacitor with X5R or
regulator
X7R dielectric.
8
VIN
Nominal operating input range for this pin is 6V to 42V (LM3404) or 6V to 75V
Input voltage pin
(LM3404HV).
DAP
GND
Thermal Pad
Connect to ground. Place 4-6 vias from DAP to bottom layer ground plane.
2
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Links: LM3404 LM3404HV


Número de pieza similar - LM3404HV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3404HV NSC-LM3404HV Datasheet
663Kb / 10P
   Evaluation Board
LM3404HV NSC-LM3404HV Datasheet
645Kb / 28P
   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404HV NSC-LM3404HV Datasheet
417Kb / 6P
   Thermal Performance of the LM3404/04HV in SO-8 and PSOP-8 Packages
logo
Texas Instruments
LM3404HV TI1-LM3404HV Datasheet
574Kb / 30P
[Old version datasheet]   LM3404/04HV 1.0A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3404HVMA NSC-LM3404HVMA Datasheet
547Kb / 24P
   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results

Descripción similar - LM3404HV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3404 TI1-LM3404_13 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3404 NSC-LM3404 Datasheet
645Kb / 28P
   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 NSC-LM3404_07 Datasheet
547Kb / 24P
   1.0A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3404 TI1-LM3404 Datasheet
574Kb / 30P
[Old version datasheet]   LM3404/04HV 1.0A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com