Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


STD11N65M5 Datasheet(Hoja de datos) 6 Page - STMicroelectronics

No. de Pieza. STD11N65M5
Descripción  N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
Descarga  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo 

 6 page
background image
Electrical characteristics
STB11N65M5, STD11N65M5, STF11N65M5, STP11N65M5, STU11N65M5
6/25
Doc ID 022864 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for DPAK and
IPAK
Figure 3.
Thermal impedance DPAK and IPAK
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
10ms
10µs
Tj=150°C
Tc=25°C
Single
pulse
1ms
0.01
100
100µs
AM15398v1
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
10ms
10µs
Tj=150°C
Tc=25°C
Single
pulse
1ms
0.01
100
100µs
AM15399v1
Figure 6.
Safe operating area for TO-220 and
D2PAK
Figure 7.
Thermal impedance for TO-220 and
D2PAK
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
10ms
10µs
Tj=150°C
Tc=25°C
Single
pulse
1ms
0.01
100
100µs
AM15400v1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl