Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS92311 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS92311
Descripción Electrónicos  Off-Line Primary Side Sensing Converter with PFC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92311 Datasheet(HTML) 5 Page - Texas Instruments

  TPS92311 Datasheet HTML 1Page - Texas Instruments TPS92311 Datasheet HTML 2Page - Texas Instruments TPS92311 Datasheet HTML 3Page - Texas Instruments TPS92311 Datasheet HTML 4Page - Texas Instruments TPS92311 Datasheet HTML 5Page - Texas Instruments TPS92311 Datasheet HTML 6Page - Texas Instruments TPS92311 Datasheet HTML 7Page - Texas Instruments TPS92311 Datasheet HTML 8Page - Texas Instruments TPS92311 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TPS92311
www.ti.com
SNVS811B – MAY 2012 – REVISED MAY 2013
Electrical Characteristics (continued)
VCC = 18V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA = TJ = +25°C. Limits appearing
in boldface type apply over the full Operating Temperature Range. Data sheet minimum and maximum specification limits
are specified by design, test or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Units
IDS
SW to ISNS
VSW-VISNS = 600V
1.35
µA
leakage current (2)
RDS
SW to ISNS switch
3.75
on resistance
TON-MIN
Minimum ON time
330
540
900
ns
TON-MAX
Maximum ON time
28
44
58
µs
TOFF-MIN
Minimum OFF time
1.04
1.5
1.93
µs
TOFF-MAX
Maximum OFF
RSNS = 1K, Measure ISNS pull-down
50
70
94
µs
time
period with VSW = 6V and VZCD = 0V
THERMAL SHUTDOWN
TSD
Thermal shutdown
(3)
165
°C
temperature
Thermal Shutdown
20
°C
hysteresis
(2)
High voltage devices such as the TPS92311 are susceptible to increased leakage currents when exposed to high humidity and high
pressure operating environments. Users of this device are cautioned to satisfy themselves as to the suitability of this product in the
intended end application and take any necessary precautions (e.g. system level HAST/HALT testing, conformal coating, potting, etc.) to
ensure proper device operation.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 165°C (typ.) and
disengages at TJ = 145°C (typ).
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS92311


Número de pieza similar - TPS92311

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92311 TI1-TPS92311 Datasheet
432Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Converter with PFC
More results

Descripción similar - TPS92311

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS92311 TI1-TPS92311 Datasheet
432Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Converter with PFC
TPS92314 TI-TPS92314 Datasheet
916Kb / 26P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92310 TI1-TPS92310 Datasheet
429Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92314DR TI-TPS92314DR Datasheet
922Kb / 26P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92310DGS TI1-TPS92310DGS Datasheet
865Kb / 23P
[Old version datasheet]   TPS92310 Off-Line Primary Side Sensing Controller With PFC
TPS92315 TI-TPS92315 Datasheet
1Mb / 27P
[Old version datasheet]   Off-Line Primary-Side Sensing Controller
logo
Holtek Semiconductor In...
HT7L5600 HOLTEK-HT7L5600 Datasheet
1Mb / 10P
   Primary side regulation off line LED driver with active PFC
HT7L5610 HOLTEK-HT7L5610 Datasheet
1Mb / 9P
   Primary Side Regulation Off Line LED Driver with Active PFC
logo
STMicroelectronics
HVLED805 STMICROELECTRONICS-HVLED805 Datasheet
456Kb / 29P
   Off-line LED driver with primary-sensing
ALTAIR04-900 STMICROELECTRONICS-ALTAIR04-900 Datasheet
640Kb / 29P
   Off-line all-primary-sensing switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com