Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61160 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS61160
Descripción Electrónicos  White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61160 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61160_14 Datasheet HTML 1Page - Texas Instruments TPS61160_14 Datasheet HTML 2Page - Texas Instruments TPS61160_14 Datasheet HTML 3Page - Texas Instruments TPS61160_14 Datasheet HTML 4Page - Texas Instruments TPS61160_14 Datasheet HTML 5Page - Texas Instruments TPS61160_14 Datasheet HTML 6Page - Texas Instruments TPS61160_14 Datasheet HTML 7Page - Texas Instruments TPS61160_14 Datasheet HTML 8Page - Texas Instruments TPS61160_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
C1
D1
VIN
SW
FB
GND
CTRL
COMP
C2
20 mA
TPS61161
ON/OFF
DIMMING
CONTROL
38 V Max
L1
22
H
m
1
F
m
C3
220 nF
R
10
set
W
1
F
m
L1: TDK VLCF5020T-220MR75-1
C1: Murata GRM188R61E105K
C2: Murata GRM21BR71H105K
D1: ONsemi MBR0540T1
V 3 V to 18 V
I
TPS61160
TPS61161
www.ti.com
SLVS791C – NOVEMBER 2007 – REVISED APRIL 2012
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm
QFN Package
Check for Samples: TPS61160, TPS61161
1
FEATURES
DESCRIPTION
With a 40-V rated integrated switch FET, the
2
2.7V to 18V Input Voltage Range
TPS61160/1 is a boost converter that drives LEDs in
26V Open LED Protection (TPS61160)
series. The boost converter runs at 600kHz fixed
38V Open LED Protection (TPS61161)
switching frequency to reduce output ripple, improve
conversion efficiency, and allows for the use of small
200mV Reference Voltage With ±2% Accuracy
external components.
Flexible Digital and PWM Brightness Control
The default white LED current is set with the external
Built-in Soft Start
sensor resistor Rset, and the feedback voltage is
Up to 90% Efficiency
regulated
to
200mV,
as
shown
in
the
typical
2mm × 2mm × 0.8mm 6-pin QFN Package With
application. During the operation, the LED current can
Thermal Pad
be
controlled
using
the
1-wire
digital
interface
( Easyscale™ protocol) through the CTRL pin.
Alternatively, a pulse width modulation (PWM) signal
APPLICATIONS
can be applied to the CTRL pin through which the
Cellular Phones
duty
cycle
determines
the
feedback
reference
Portable Media Players
voltage.
In
either
digital
or
PWM
mode,
the
TPS61160/1
does
not
burst
the
LED
current;
Ultra Mobile Devices
therefore, it does not generate audible noises on the
GPS Receivers
output capacitor. For maximum protection, the device
White LED Backlighting for Media Form Factor
features integrated open LED protection that disables
Display
the TPS61160/1 to prevent the output voltage from
exceeding the IC's absolute maximum voltage ratings
during open LED conditions.
The TPS61160/1 is available in a space-saving,
2mm × 2mm QFN package with thermal pad.
Figure 1. Typical Application of TPS61161
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Easyscale is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS61160_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61160 TI1-TPS61160_17 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Descripción similar - TPS61160_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS61160 TI-TPS61160 Datasheet
557Kb / 21P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
   White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
   White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com