Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22920 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22920
Descripción Electrónicos  Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22920 Datasheet(HTML) 3 Page - Texas Instruments

  TPS22920 Datasheet HTML 1Page - Texas Instruments TPS22920 Datasheet HTML 2Page - Texas Instruments TPS22920 Datasheet HTML 3Page - Texas Instruments TPS22920 Datasheet HTML 4Page - Texas Instruments TPS22920 Datasheet HTML 5Page - Texas Instruments TPS22920 Datasheet HTML 6Page - Texas Instruments TPS22920 Datasheet HTML 7Page - Texas Instruments TPS22920 Datasheet HTML 8Page - Texas Instruments TPS22920 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Charge
Pump
Control
Logic
GND
VIN
ON
VOUT
TPS22920
www.ti.com
SLVSAY8A – JUNE 2011 – REVISED JULY 2013
FUNCTIONAL BLOCK DIAGRAM
FUNCTION TABLE
ON
VIN to VOUT
VOUT to GND(1)
L
OFF
ON
H
ON
OFF
(1)
See Application section ‘Output Pull-Down’
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
VIN
Input voltage range
–0.3 to 4
V
VOUT
Output voltage range
VIN + 0.3
V
VON
Input voltage range
–0.3 to 4
V
IMAX
Maximum Continuous Switch Current
4
A
IPLS
Maximum Pulsed Switch Current, pulse <300µS, 2% duty cycle
6
A
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Maximum junction temperature
125
°C
TSTG
Storage temperature range
–65 to 150
°C
TLEAD
Maximum lead temperature (10-s soldering time)
300
°C
Human-Body Model (HBM)
4000
ESD
Electrostatic discharge protection
V
Charged Device Model (CDM)
1000
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress only, and
functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS22920


Número de pieza similar - TPS22920

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
TPS22920LYZPT TI1-TPS22920LYZPT Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
More results

Descripción similar - TPS22920

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com