Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS2410 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS2410
Descripción  Full Featured N1 and ORing Power Rail Controller
Descarga  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS2410 Datasheet(HTML) 11 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
V
at20mV/div
(AC)
I
at2 A/div
(GATE)
V
at5V/div
(GATE)
Delay=68ns,V
=12Vat103ns
(GATE)
V(AC)
GATE
I(GATE
20ns/div
V
at2V/div
(GATE)
I
at2A/div
(GATE)
Delay=70ns,V
=1Vat113ns
(GATE)
V
at20mV/div
(AC)
20ns/div
V(AC)
GATE
I(GATE
TPS2410
TPS2411
www.ti.com .................................................................................................................................................. SLVS727C – NOVEMBER 2006 – REVISED JUNE 2009
TYPICAL CHARACTERISTICS (continued)
TURNOFF TIME WITH
C(GATE) = 10 nF and V(AC) = -20 mV, VDD = VA = 12 V
Figure 9.
TURNOFF TIME WITH
C(GATE) = 10 nF, V(AC) = -20 mV, VDD = 5, VA = 1 V
Figure 10.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS2410 TPS2411


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn