Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3424 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza LM3424
Descripción Electrónicos  Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3424 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3424_14 Datasheet HTML 5Page - Texas Instruments LM3424_14 Datasheet HTML 6Page - Texas Instruments LM3424_14 Datasheet HTML 7Page - Texas Instruments LM3424_14 Datasheet HTML 8Page - Texas Instruments LM3424_14 Datasheet HTML 9Page - Texas Instruments LM3424_14 Datasheet HTML 10Page - Texas Instruments LM3424_14 Datasheet HTML 11Page - Texas Instruments LM3424_14 Datasheet HTML 12Page - Texas Instruments LM3424_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
ICSH (éA)
1.0
0.8
0.6
0.4
0.2
0.0
0
20
40
60
80
100
DUTY CYCLE (%)
25 kHz
1 kHz
100
80
60
40
20
0
0.8
0.2
0.4
0.6
0.8
1.0
VIN (V)
1.010
1.005
1.000
0.995
0.990
5
10
15
20
25
30
VIN (V)
1.02
1.01
1.00
0.99
0.98
0
16
32
48
64
80
VIN (V)
100
95
90
85
80
10
15
20
25
30
VIN (V)
100
95
90
85
80
75
70
0
16
32
48
64
80
LM3424
www.ti.com
SNVS603B – AUGUST 2009 – REVISED OCTOBER 2009
Typical Performance Characteristics
TA=+25°C and VIN = 14V unless otherwise specified
Boost Efficiency
Buck-Boost Efficiency
vs.
vs.
Input Voltage
Input Voltage
VO = 32V (9 LEDs)
(1)
VO = 21V (6 LEDs)
(2)
Boost LED Current
Buck-Boost LED Current
vs.
vs.
Input Voltage
Input Voltage
VO = 32V (9 LEDs)
(1)
VO = 21V (6 LEDs)
(2)
Analog Dimming
PWM Dimming
VO = 21V (6 LEDs); VIN = 24V
(2)
VO = 32V (9 LEDs); VIN = 24V
(1)
(1)
The measurements were made using the standard boost evaluation board from AN-1969.
(2)
The measurements were made using the standard buck-boost evaluation board from AN-1967.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3424


Número de pieza similar - LM3424_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3424-Q1 TI1-LM3424-Q1 Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
National Semiconductor ...
LM3424MH NSC-LM3424MH Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
LM3424MH NSC-LM3424MH Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424MH/NOPB TI1-LM3424MH/NOPB Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
National Semiconductor ...
LM3424MHX NSC-LM3424MHX Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
More results

Descripción similar - LM3424_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3424_0910 NSC-LM3424_0910 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
LM3424 NSC-LM3424 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424 Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
   CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com