Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC1210 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza AMC1210
Descripción Electrónicos  Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1210 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC1210_14 Datasheet HTML 4Page - Texas Instruments AMC1210_14 Datasheet HTML 5Page - Texas Instruments AMC1210_14 Datasheet HTML 6Page - Texas Instruments AMC1210_14 Datasheet HTML 7Page - Texas Instruments AMC1210_14 Datasheet HTML 8Page - Texas Instruments AMC1210_14 Datasheet HTML 9Page - Texas Instruments AMC1210_14 Datasheet HTML 10Page - Texas Instruments AMC1210_14 Datasheet HTML 11Page - Texas Instruments AMC1210_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
PARALLEL MODE 1
TIMING CHARACTERISTICS
(1)
AD(7:0)
Internaladdress
ADDR
ADDR
ADDR+1
MSB
LSB
MSB
t
w1
t
w2
t
d1
t
d2
t
w3
t
su1
t
h1
t
su2
t
h2
Parallelmode1,writeaccess
t
w4
CS
WR
RD
ALE
ADDR
MSB
LSB
MSB
ADDR
ADDR+1
AD(7:0)
Internaladdress
Parallelmode1,readaccess
t
d3
t
d4
t
w5
t
d5
t
d6
t
w6
t
d7
CS
WR
RD
ALE
AMC1210
SBAS372D – APRIL 2006 – REVISED MAY 2009.............................................................................................................................................................. www.ti.com
Over recommended operating free-air temperature range at –40°C to +125°C, DVDD = +5V, and BVDD = +2.7V, unless otherwise noted.
PARAMETER(2)
MIN
MAX
UNIT
tw1
CS low width
40
ns
tw2
CS high width
5
ns
td1
Delay time from CS low to WR low
3
ns
td2
Delay time from WR high to CS high
5
ns
tw3
WR low width
10
ns
tw4
WR high width
10
ns
tsu1
Setup time from ALE high to WR low
0
ns
th1
Hold time from WR high to ALE low
2
ns
tsu2
Setup time from address valid to WR high
6
ns
th2
Hold time from WR high to address invalid
5
ns
td3
Delay time from CS low to RD low
0
ns
td4
Delay time from RD high to CS high
6
ns
tw5
RD low width
30
ns
tw6
RD high width
13
ns
td5
Delay time from RD low to data valid
30
ns
td6
Delay time from RD high to databus in tristate
0
10
ns
td7
Delay time from WR high to RD low
10
ns
(1)
All input signals are specified with tR = tF = 5ns (10% to 90% of BVDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
tw2 is obsolete if CS stays low between the WR and RD pulses.
Figure 4. Parallel Mode 1 Timing
8
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): AMC1210


Número de pieza similar - AMC1210_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
AMC1210IRHAR BURR-BROWN-AMC1210IRHAR Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
AMC1210IRHARG4 BURR-BROWN-AMC1210IRHARG4 Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
AMC1210IRHAT BURR-BROWN-AMC1210IRHAT Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
AMC1210IRHATG4 BURR-BROWN-AMC1210IRHATG4 Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
More results

Descripción similar - AMC1210_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
AMC1210 BURR-BROWN-AMC1210 Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
logo
Texas Instruments
ADS1208 TI1-ADS1208_14 Datasheet
426Kb / 25P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1208 TI1-ADS1208 Datasheet
309Kb / 23P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Burr-Brown (TI)
ADS1208 BURR-BROWN-ADS1208 Datasheet
381Kb / 22P
   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Texas Instruments
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com