Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB88141 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

No. de pieza MB88141
Descripción Electrónicos  D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88141 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB88141 Datasheet HTML 1Page - Fujitsu Component Limited. MB88141 Datasheet HTML 2Page - Fujitsu Component Limited. MB88141 Datasheet HTML 3Page - Fujitsu Component Limited. MB88141 Datasheet HTML 4Page - Fujitsu Component Limited. MB88141 Datasheet HTML 5Page - Fujitsu Component Limited. MB88141 Datasheet HTML 6Page - Fujitsu Component Limited. MB88141 Datasheet HTML 7Page - Fujitsu Component Limited. MB88141 Datasheet HTML 8Page - Fujitsu Component Limited. MB88141 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MB88141
4
s
s
s
s PIN DESCRIPTIONS
*1: The MOD and CS0-CS2 pins should be used with fixed level input.
*2: Use particular caution in handling the SDA and SCL pins. These pins have no transistor protection against VCC
voltage and therefore have weaker anti-static characteristics than other pins.
*3: When using the I/O expander function together with the D/A converter function, take care that D/A converter
output precision is within a range that will not affect overall system operation.
Pin no.
Symbol
I/O
Description
21
SDA
BUS
I2C bus data input/output pin (hysteresis input). *2
Outputs the acknowledge signal.
20
SCL
I
I2C bus shift clock input pin (hysteresis input). *2
19
MOD
I
D/A converter and I/O expander mode switching pin. *1, *3
Input “L” to operate as a D/A converter, “H” to operate as I/O expander and
D/A converter.
16
17
18
CS0
CS1
CS2
I
Lower 3 bits of the slave address setting pins. *1
This allows up to eight MB88141 chips to be used on the same bus line.
1
2
3
4
AO1
AO2
AO3
AO4
O
8-bit D/A output with OP Amp. *3
5
6
7
8
9
10
11
12
D7/AO5
D6/AO6
D5/AO7
D4/AO8
D3/AO9
D2/AO10
D1/AO11
D0/AO12
I/O
8-bit D/A output with OP Amp. *3
In I/O expander operation, these pins function as parallel data input/output
pins.
13
VCC
Power supply pin for digital circuits and OP Amp.
24
GND
GND pin for digital circuits and OP Amp.
22
VDD1
Reference power supply pin for D/A converter (H). AO1 to AO4.
23
VSS1
Reference power supply pin for D/A converter (L). AO1 to AO4.
15
VDD2
Reference power supply pin for D/A converter (H). AO5 to AO12.
14
VSS2
Reference power supply pin for D/A converter (L). AO5 to AO12.


Número de pieza similar - MB88141

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB88141A FUJITSU-MB88141A Datasheet
279Kb / 22P
   D/A Converter for Digital Tuning (Compatible with I2C Bus)
MB88141AP FUJITSU-MB88141AP Datasheet
279Kb / 22P
   D/A Converter for Digital Tuning (Compatible with I2C Bus)
MB88141APF FUJITSU-MB88141APF Datasheet
279Kb / 22P
   D/A Converter for Digital Tuning (Compatible with I2C Bus)
MB88141APFV FUJITSU-MB88141APFV Datasheet
279Kb / 22P
   D/A Converter for Digital Tuning (Compatible with I2C Bus)
More results

Descripción similar - MB88141

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M62376GP MITSUBISHI-M62376GP Datasheet
89Kb / 8P
   8-BIT 12CH D-A CONVERTER IC BUILT-IN 12-BIT I/O EXPANDER
logo
Renesas Technology Corp
M62376GP RENESAS-M62376GP Datasheet
150Kb / 11P
   8-bit 12ch D/A Converter IC Built-in 12-bit I/O Expander
logo
Fujitsu Component Limit...
MB88345 FUJITSU-MB88345 Datasheet
142Kb / 14P
   D/A Converter for Digital Tuning (24-channel, 8-bit, on-chip OP amp)
MB40D001 FUJITSU-MB40D001 Datasheet
214Kb / 17P
   D/A Converter for Digital Tuning
logo
Fuji Electric
E413511 FUJI-E413511 Datasheet
178Kb / 18P
   D/A Converter for Digital Tuning
logo
Fujitsu Component Limit...
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
   D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
logo
Sanyo Semicon Device
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
logo
Fujitsu Component Limit...
MB88346L FUJITSU-MB88346L_06 Datasheet
193Kb / 20P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
MB88146A FUJITSU-MB88146A Datasheet
274Kb / 20P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp., low-voltage)
MB88346L FUJITSU-MB88346L Datasheet
207Kb / 17P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com