Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSB43AA82AI Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TSB43AA82AI
Descripción Electrónicos  (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TSB43AA82AI Datasheet(HTML) 3 Page - Texas Instruments

  TSB43AA82AI Datasheet HTML 1Page - Texas Instruments TSB43AA82AI Datasheet HTML 2Page - Texas Instruments TSB43AA82AI Datasheet HTML 3Page - Texas Instruments TSB43AA82AI Datasheet HTML 4Page - Texas Instruments TSB43AA82AI Datasheet HTML 5Page - Texas Instruments TSB43AA82AI Datasheet HTML 6Page - Texas Instruments TSB43AA82AI Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Nov-2012
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
TSB43AA82APGE
ACTIVE
LQFP
PGE
144
60
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TSB43AA82APGEG4
ACTIVE
LQFP
PGE
144
60
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF TSB43AA82A :
Enhanced Product: TSB43AA82A-EP
NOTE: Qualified Version Definitions:


Número de pieza similar - TSB43AA82AI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB43AA82AI TI-TSB43AA82AI Datasheet
741Kb / 147P
[Old version datasheet]   1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82AIPGE TI-TSB43AA82AIPGE Datasheet
741Kb / 147P
[Old version datasheet]   1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
More results

Descripción similar - TSB43AA82AI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB43AA82A TI-TSB43AA82A Datasheet
741Kb / 147P
[Old version datasheet]   1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82GGW TI1-TSB43AA82GGW Datasheet
108Kb / 5P
[Old version datasheet]   (iShynx II) 1394 Integrated PHY and Link-Layer Controller
TSB43AA82 TI-TSB43AA82 Datasheet
770Kb / 146P
[Old version datasheet]   1394 INTEGRATED PHY AND LINK LAYER CONTROLLER
logo
NXP Semiconductors
SAA7356HL PHILIPS-SAA7356HL Datasheet
157Kb / 36P
   1394 SBP-2 link layer controller
2000 Nov 17
logo
Texas Instruments
TSB42AA9 TI-TSB42AA9 Datasheet
268Kb / 45P
[Old version datasheet]   STORAGELYNX 1394 LINK-LAYER CONTROLLER FOR ATA/ATAPI STORAGE PRODUCTS
TSB42AA9A TI1-TSB42AA9A_14 Datasheet
88Kb / 7P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB42AA9A TI-TSB42AA9A Datasheet
268Kb / 45P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
logo
Sony Corporation
CXD3220R SONY-CXD3220R Datasheet
655Kb / 65P
   IEEE1394 Link/Transaction Layer Controller LSI for SBP-2
logo
Texas Instruments
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com