Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSB12LV01B Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TSB12LV01B
Descripción Electrónicos  IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TSB12LV01B Datasheet(HTML) 2 Page - Texas Instruments

  TSB12LV01B_14 Datasheet HTML 1Page - Texas Instruments TSB12LV01B_14 Datasheet HTML 2Page - Texas Instruments TSB12LV01B_14 Datasheet HTML 3Page - Texas Instruments TSB12LV01B_14 Datasheet HTML 4Page - Texas Instruments TSB12LV01B_14 Datasheet HTML 5Page - Texas Instruments TSB12LV01B_14 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.ti.com
TSB12LV01B
SLLA212 – JUNE 2006
However, there are three restrictions that were not present in the TSB12LV01A device:
The TSB12LV01B may only operate with a 50 MHz host-interface clock (BCLK) if the duty cycle is less than
5% away from the 50-50 point, (i.e., the duty cycle must be within 45-55% inclusive). A 40-60% duty cycle
clock is acceptable for host clock frequencies at or below 47 MHz.
The TSB12LV01B does not have bus holder cells on the PHY-link interface.
As a result of removing the bus holder cells, the ISO pin (pin 69) was replaced with a Vcc pin on the
TSB12LV01B.
This document is not intended to serve as a tutorial on 1394; users are referred to the IEEE 1394-1995 serial
bus standard for detailed information regarding the 1394 high-speed serial bus.
NOTE:
This product is for high-volume applications only. For a complete datasheet or more
information contact support@ti.com.
2
Submit Documentation Feedback


Número de pieza similar - TSB12LV01B_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB12LV01B-EP TI1-TSB12LV01B-EP Datasheet
402Kb / 78P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01BIPZT TI-TSB12LV01BIPZT Datasheet
438Kb / 77P
[Old version datasheet]   IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
TSB12LV01BIPZTEP TI1-TSB12LV01BIPZTEP Datasheet
402Kb / 78P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01BPZT TI-TSB12LV01BPZT Datasheet
438Kb / 77P
[Old version datasheet]   IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
More results

Descripción similar - TSB12LV01B_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB12LV01B TI-TSB12LV01B Datasheet
438Kb / 77P
[Old version datasheet]   IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
TSB12LV01B-EP TI1-TSB12LV01B-EP Datasheet
402Kb / 78P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV41A TI-TSB12LV41A Datasheet
587Kb / 199P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV42 TI-TSB12LV42 Datasheet
686Kb / 175P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Digital Video
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
TSB12LV32 TI-TSB12LV32 Datasheet
456Kb / 113P
[Old version datasheet]   IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller
TSB12LV32-EP TI1-TSB12LV32-EP Datasheet
1Mb / 105P
[Old version datasheet]   IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller
TSB12C01A TI-TSB12C01A Datasheet
275Kb / 59P
[Old version datasheet]   High-Speed Serial-Bus Link-Layer Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com