Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FWJ-1600A Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

No. de pieza FWJ-1600A
Descripción Electrónicos  FWJ 1000V 35-2000A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COOPER [Cooper Bussmann, Inc.]
Página de inicio  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWJ-1600A Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FWJ-1600A Datasheet HTML 1Page - Cooper Bussmann, Inc. FWJ-1600A Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
®
Bussmann®
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled.
This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right,
without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without
notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Form No. FWJ 1000
Page 2 of 2
BIF Doc #720027
FWJ 1000V
35-2000A
A
E
D
C
F
J
G
B
H
Fig. 1: 35-2000 Amp Range
Order #
Fig.
A
B
C
D
E
F
G
H
J
FWJ-35A-60A
1
5.000
0.940
3.110
4.235
4.180
0.352
0.750
0.125
0.380
FWJ-70A-100A
1
4.932
1.125
3.085
4.266
4.156
0.352
1.000
0.188
0.407
FWJ-125A-200A
1
5.685
1.526
3.261
4.803
4.055
0.445
1.000
0.250
0.819
FWJ-250A-400A
1
5.768
2.000
3.500
4.811
4.150
0.433
1.500
0.250
0.764
FWJ-500A-600A
1
7.201
2.500
3.465
5.984
4.706
0.562
2.000
0.375
1.201
FWJ-800A-2000A
1
6.811
3.500
3.312
5.472
4.962
0.625
2.750
0.500
0.880
Dimension in inches.
1mm = 0.0394∑
1∑ = 25.4mm
Dimensions
1000
800
500
200
1.5
1.0
0.5
0.3
0.2
0.15
Eg
K
2000
1600
1200
800
400
200
600
1000 1400 1800
U
L
E
g
Kp
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
30 40 50
60
70
80 90 100%
I
b
Total Clearing I2t
The total clearing I
2t at rated voltage and
at power factor of 15% are given in the
electrical characteristics. For other volt-
ages, the clearing I
2t is found by multi-
plying by correction factor, K , given as
a function of applied working voltage,
Eg, (RMS).
Arc Voltage
This curve gives the peak arc voltage,
UL, which may appear across the fuse
during its operation as a function of the
applied working voltage, Eg, (RMS) at a
power factor of 15%.
Power Losses
Watts loss at rated current is given in
the electrical characteristics. The curve
allows the calculation of the power
losses at load currents lower than the
rated current . The correction factor, Kp ,
is given as a function of the RMS load
current, Ib , in % of the rated current .
Electrical Characteristics
7-11-01
SB01191


Número de pieza similar - FWJ-1600A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samtec, Inc
FWJ-04-04-T-S SAMTEC-FWJ-04-04-T-S Datasheet
497Kb / 1P
   POWER HEADERS BOARD STACKERS
FWJ-05-02-T-S-RA SAMTEC-FWJ-05-02-T-S-RA Datasheet
497Kb / 1P
   POWER HEADERS BOARD STACKERS
FWJ-08-01-T-S SAMTEC-FWJ-08-01-T-S Datasheet
497Kb / 1P
   POWER HEADERS BOARD STACKERS
logo
Cooper Bussmann, Inc.
FWJ-20A14F COOPER-FWJ-20A14F Datasheet
1Mb / 21P
   Ferrule fuses
FWJ-20A14F COOPER-FWJ-20A14F Datasheet
34Kb / 2P
   20-30A, 1000 Volts
More results

Descripción similar - FWJ-1600A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
AF2320G18ST SCHNEIDER-AF2320G18ST Datasheet
63Kb / 2P
   BUSWAY STRAIGHT LENGTH 2000A, INDOOR
logo
Extech Instruments Corp...
380926 EXTECH-380926 Datasheet
213Kb / 1P
   2000A AC/DC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
   2000A AC/DC Clamp Meter
logo
Schneider Electric
CF2320G18ST SCHNEIDER-CF2320G18ST Datasheet
63Kb / 2P
   BUSWAY STRAIGHT LENGTH 2000A, INDOOR
CF2520G10ST SCHNEIDER-CF2520G10ST Datasheet
79Kb / 2P
   BUSWAY STRAIGHT LENGTH 10FT 2000A INDOOR
CF2520G6ST SCHNEIDER-CF2520G6ST Datasheet
79Kb / 2P
   BUSWAY STRAIGHT LENGTH 6 FT 2000A
AF2520G10ST SCHNEIDER-AF2520G10ST Datasheet
78Kb / 2P
   BUSWAY STRAIGHT LENGTH 10FT 2000A INDOOR
AF2320G6ST SCHNEIDER-AF2320G6ST Datasheet
63Kb / 2P
   BUSWAY STRAIGHT LENGTH 6FT 2000A INDOOR
AF2320G10ST SCHNEIDER-AF2320G10ST Datasheet
78Kb / 2P
   BUSWAY STRAIGHT LENGTH 10FT 2000A INDOOR
logo
Extech Instruments Corp...
380905 EXTECH-380905 Datasheet
206Kb / 1P
   2000A AC/DC Clamp-on Adaptor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com