Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SME2470-011 Datasheet(PDF) 8 Page - Honeywell Accelerometers

No. de pieza SME2470-011
Descripción Electrónicos  Ceramic Discrete Surface Mount Emitters and Detectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL-ACC [Honeywell Accelerometers]
Página de inicio  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SME2470-011 Datasheet(HTML) 8 Page - Honeywell Accelerometers

  SME2470-011 Datasheet HTML 1Page - Honeywell Accelerometers SME2470-011 Datasheet HTML 2Page - Honeywell Accelerometers SME2470-011 Datasheet HTML 3Page - Honeywell Accelerometers SME2470-011 Datasheet HTML 4Page - Honeywell Accelerometers SME2470-011 Datasheet HTML 5Page - Honeywell Accelerometers SME2470-011 Datasheet HTML 6Page - Honeywell Accelerometers SME2470-011 Datasheet HTML 7Page - Honeywell Accelerometers SME2470-011 Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Infrared Components
Ceramic Discrete Surface Mount
SME/SMD Series
HONEYWELL
Sensing and Control
Honeywell Inc.
11 West Spring Street
Freeport, Illinois 61032
Printed with Soy Ink
on 50% Recycled Paper
www.honeywell.com/sensing
006445-2-EN IL50
GLO 199 Printed in USA
ORDER GUIDE
Catalog Listing
Description
SME2470-001
Bulk Packaged, Surface Mount IR Emitter
SMD2420-001
Bulk Packaged, Surface Mount Photodiode
SMD2440-001
Bulk Packaged, Surface Mount Phototransistor
SMD2440-002
Bulk Packaged, Surface Mount Phototransistor
SME2470-011
Tape and Reel, Inverted, Surface Mount IR Emitter
SMD2420-011
Tape and Reel, Inverted, Surface Mount Photodiode
SMD2440-011
Tape and Reel, Inverted, Surface Mount Phototransistor
SMD2440-012
Tape and Reel, Inverted, Surface Mount Phototransistor
SME2470-021
Tape and Reel Upright, Surface Mount IR Emitter
SMD2420-021
Tape and Reel, Upright, Surface Mount Photodiode
SMD2440-021
Tape and Reel, Upright, Surface Mount Phototransistor
SMD2440-022
Tape and Reel, Upright, Surface Mount Phototransistor
WARRANTY/REMEDY
Honeywell warrants goods of its manufacture as being free of
defective material and faulty workmanship. Contact your local sales
office for warranty information. If warranted goods are returned to
Honeywell during that period of coverage, Honeywell will repair or
replace without charge those items it finds defective. The foregoing is
Buyer’s sole remedy and is in lieu of all other warranties,
expressed or implied, including those of merchantability and
fitness for a particular purpose.
While we provide application assistance, personally, through our
literature, and through the Honeywell website, it is up to the customer
to determine the suitability of the product in the application.
Specifications may change at any time without notice. The
information we supply is believed to be accurate and reliable as of
this printing. However, we assume no responsibility for its use.
SALES AND SERVICE
Sensing and Control serves its
customers through a worldwide
network of sales offices and
distributors. For application
assistance, current specifications,
pricing or name of the nearest
Authorized Distributor, contact a
nearby sales office or call:
TELEPHONE
1-800-537-6945 (USA)
1-800-737-3360 (Canada)
1-815-235-6847 (International)
FAX
1-815-235-6545 (USA)
INTERNET
www.honeywell.com/sensing
info@micro.honeywell.com


Número de pieza similar - SME2470-011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Accelerometer...
SME2470-011 HONEYWELL-ACC-SME2470-011 Datasheet
276Kb / 8P
   Ceramic Discrete Surface Mount Emitters and Detectors
More results

Descripción similar - SME2470-011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Accelerometer...
SME2470-011 HONEYWELL-ACC-SME2470-011 Datasheet
276Kb / 8P
   Ceramic Discrete Surface Mount Emitters and Detectors
logo
Vishay Siliconix
TCZT8020 VISHAY-TCZT8020_11 Datasheet
246Kb / 11P
   Matched Pairs of Emitters and Detectors
Rev. 1.7, 15-Mar-11
TCZT8020 VISHAY-TCZT8020_06 Datasheet
103Kb / 7P
   Matched Pairs of Emitters and Detectors
Rev. 1.4, 04-Sep-06
logo
OSRAM GmbH
SFH4650 OSRAM-SFH4650_13 Datasheet
275Kb / 14P
   Emitters and Detectors for Infrared (IR) Touchscreens
logo
List of Unclassifed Man...
MLX90247 ETC2-MLX90247_07 Datasheet
229Kb / 9P
   Discrete Infrared Thermopile Detectors
MLX90247 ETC2-MLX90247_04 Datasheet
231Kb / 10P
   Discrete Infrared Thermopile Detectors
logo
Melexis Microelectronic...
MLX90247 MELEXIS-MLX90247 Datasheet
229Kb / 9P
   Discrete Infrared Thermopile Detectors
logo
List of Unclassifed Man...
MLX90247 ETC1-MLX90247 Datasheet
168Kb / 11P
   Discrete Infrared Thermopile Detectors
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Lumileds Lighting Compa...
WP23 LUMILEDS-WP23 Datasheet
929Kb / 10P
   of LED Emitters and LED Arrays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com