Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH6581 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LMH6581
Descripción Electrónicos  8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6581 Datasheet(HTML) 4 Page - Texas Instruments

  LMH6581 Datasheet HTML 1Page - Texas Instruments LMH6581 Datasheet HTML 2Page - Texas Instruments LMH6581 Datasheet HTML 3Page - Texas Instruments LMH6581 Datasheet HTML 4Page - Texas Instruments LMH6581 Datasheet HTML 5Page - Texas Instruments LMH6581 Datasheet HTML 6Page - Texas Instruments LMH6581 Datasheet HTML 7Page - Texas Instruments LMH6581 Datasheet HTML 8Page - Texas Instruments LMH6581 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LMH6580, LMH6581
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
±3.3V ELECTRICAL CHARACTERISTICS
(1) (continued)
Unless otherwise specified, typical conditions are: TA = 25°C, AV = +2, VS = ±3.3V, RL = 100Ω; Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
OS
Overshoot
2V Step
<1
%
SR
Slew Rate
LMH6580, 2 VPP, 40% to 60%
(4)
900
V/µs
Slew Rate
LMH6581, 2 VPP, 40% to 60%
(4)
1700
V/µs
ts
Settling Time
2V Step, VOUT within 0.5%
7
ns
Distortion And Noise Response
HD2
2nd Harmonic Distortion
2 VPP, 10 MHz
−76
dBc
HD3
3rd Harmonic Distortion
2 VPP, 10 MHz
−76
dBc
en
Input Referred Voltage Noise
>1 MHz
12
nV/
√Hz
in
Input Referred Noise Current
>1 MHz
2
pA/
√Hz
XTLK
Crosstalk
All Hostile, f = 100 MHz
−45
dBc
ISOL
Off Isolation
f = 100 MHz
−60
dBc
Static, DC Performance
AV
Gain
LMH6581
1.986
2.00
2.014
LMH6580
0.994
1.00
1.005
VOS
Input Offset Voltage
±3
±17
mV
TCVOS
Input Offset Voltage Average Drift
See(5)
38
µV/°C
IB
Input Bias Current
Non-Inverting(6)
−5
µA
TCIB
Input Bias Current Average Drift
Non-Inverting(5)
−12
nA/°C
VO
Output Voltage Range
LMH6581, RL = 100Ω
±1.8
±2.1
V
LMH6580, RL = 100Ω
±1.24
±1.3
VO
Output Voltage Range
LMH6581, RL = ∞Ω,
(7)
±2.08
±2.2
V
LMH6580 RL = ∞Ω,
±1.25
±1.3
PSRR
Power Supply Rejection Ratio
−45
dBc
ICC
Positive Supply Current
RL = ∞
50
60
mA
IEE
Negative Supply Current
RL = ∞
50
56
mA
Tri State Supply Current
RST Pin > 2.0V
10
13
mA
Miscellaneous Performance
RIN
Input Resistance
Non-Inverting
100
k
CIN
Input Capacitance
Non-Inverting
1
pF
RO
Output Resistance Enabled
Closed Loop, Enabled
300
m
RO
Output Resistance Disabled
LMH6580
50
k
LMH6581
1100
1350
1500
CMVR
Input Common Mode Voltage
±1.3
V
Range
IO
Output Current
Sourcing, VO = 0 V
±50
mA
Digital Control
VIH
Input Voltage High
2.0
V
VIL
Input Voltage Low
0.8
V
VOH
Output Voltage High
>2.0
V
VOL
Output Voltage Low
<0.4
V
Switching Time
15
ns
TS
Setup Time
7
ns
TH
Hold Time
7
ns
(4)
Slew Rate is the average of the rising and falling edges.
(5)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(6)
Negative input current implies current flowing out of the device.
(7)
This parameter is specified by design and/or characterization and is not tested in production.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMH6580 LMH6581


Número de pieza similar - LMH6581

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6581 NSC-LMH6581 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
LMH6581VS NSC-LMH6581VS Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
More results

Descripción similar - LMH6581

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
   32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6584 TI1-LMH6584_14 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6583 TI1-LMH6583_14 Datasheet
369Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
National Semiconductor ...
LMH6582_0708 NSC-LMH6582_0708 Datasheet
473Kb / 16P
   16x8 550MHz Analog Crosspoint Switch, Gain of 1
logo
Texas Instruments
LMH6583 TI1-LMH6583 Datasheet
494Kb / 24P
[Old version datasheet]   LMH6583 16x8 550 MHz Analog Crosspoint Switch, Gain of 2
logo
National Semiconductor ...
LMH6583_0708 NSC-LMH6583_0708 Datasheet
523Kb / 18P
   16x8 550MHz Analog Crosspoint Switch, Gain of 2
logo
Analog Devices
AD8112 AD-AD8112_15 Datasheet
1Mb / 28P
   Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com