Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM1973 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza LM1973
Descripción Electrónicos  LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM1973 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM1973 Datasheet HTML 7Page - Texas Instruments LM1973 Datasheet HTML 8Page - Texas Instruments LM1973 Datasheet HTML 9Page - Texas Instruments LM1973 Datasheet HTML 10Page - Texas Instruments LM1973 Datasheet HTML 11Page - Texas Instruments LM1973 Datasheet HTML 12Page - Texas Instruments LM1973 Datasheet HTML 13Page - Texas Instruments LM1973 Datasheet HTML 14Page - Texas Instruments LM1973 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LM1973
www.ti.com
SNAS093B – DECEMBER 1994 – REVISED MARCH 2013
DIGITAL DATA-OUT PIN
The DATA-OUT pin is available for daisy-chain system configurations where multiple
μPots will be used. The use
of the daisy-chain configuration allows the system designer to use only one DATA and one LOAD/SHIFT line per
chain, thus simplifying PCB trace layouts.
In order to provide the highest level of channel separation and isolate any of the signal lines from digital noise,
the DATA-OUT pin should be terminated through a 2 k
Ω resistor if not used. The pin may be left floating,
however, any signal noise on that line may couple to adjacent lines creating higher noise specs.
Figure 22.
μPot System Architecture
DAISY-CHAIN CAPABILITY
Since the
μPot's digital interface is essentially a shift register, multiple μPots can be programmed utilizing the
same data and load/shift lines. As shown in Figure 24, for an n-
μPot daisy-chain, there are 16n bits to be shifted
and loaded for the chain. The data loading sequence is the same for n-
μPots as it is for one μPot. First the
LOAD/SHIFT line goes low, then the data is clocked in sequentially while the preceding data in each
μPot is
shifted out the DATA-OUT pin to the next
μPot in the chain or to ground if it is the last μPot in the chain. Then
the LOAD/SHIFT line goes high; latching the data into each of their corresponding
μPots. The data is then
decoded according to the address (channel selection) and the appropriate tap switch controlling the attenuation
level is selected.
CROSSTALK MEASUREMENTS
The crosstalk of a
μPot as shown in Figure 9 in the TYPICAL PERFORMANCE CHARACTERISTICS was
obtained by placing a signal on one channel and measuring the level at the output of another channel of the
same frequency. It is important to be sure that the signal level being measured is of the same frequency such
that a true indication of crosstalk may be obtained. Also, to ensure an accurate measurement, the measured
channel's input should be AC grounded through a 1
μF capacitor.
CLICKS AND POPS
So, why is that output buffer needed anyway? There are three answers to this question, all of which are
important from a system point of view.
1. The first reason to utilize a buffer/amplifier at the output of a
μPot is to ensure that there are no audible clicks
or pops due to attenuation step changes in the device. If an on-board bipolar op amp had been used for the
output stage, its requirement of a finite amount of DC bias current for operation would cause a DC voltage
“pop” when the output impedance of the
μPot changes. Again, this phenomenon is due to the fact that the
output impedance of the
μPot is changing with step changes and a bipolar amplifier requires a finite amount
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM1973


Número de pieza similar - LM1973

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
   關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Texas Instruments
LM1973 TI1-LM1973 Datasheet
1Mb / 21P
[Old version datasheet]   3-Channel 76dB Audio Attenuator
logo
National Semiconductor ...
LM1973M NSC-LM1973M Datasheet
305Kb / 11P
   關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Texas Instruments
LM1973M/NOPB TI1-LM1973M/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   3-Channel 76dB Audio Attenuator
LM1973MX/NOPB TI1-LM1973MX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   3-Channel 76dB Audio Attenuator
More results

Descripción similar - LM1973

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
   關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Texas Instruments
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
[Old version datasheet]   LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
logo
National Semiconductor ...
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
   Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Texas Instruments
LM1973 TI1-LM1973_16 Datasheet
1Mb / 21P
[Old version datasheet]   3-Channel 76dB Audio Attenuator
logo
National Semiconductor ...
LM4733 NSC-LM4733 Datasheet
939Kb / 23P
   3 Channel 30W Audio Power Amplifier with Mute
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
   LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
logo
Texas Instruments
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
[Old version datasheet]   3 Channel 20W Audio Power Amplifier with Mute and Standby
LM4781 TI1-LM4781_14 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
   3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4734 NSC-LM4734 Datasheet
1Mb / 24P
   3 Channel 20W Audio Power Amplifier with Mute and Standby
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com