Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM1972 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza LM1972
Descripción Electrónicos  LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM1972 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM1972_14 Datasheet HTML 5Page - Texas Instruments LM1972_14 Datasheet HTML 6Page - Texas Instruments LM1972_14 Datasheet HTML 7Page - Texas Instruments LM1972_14 Datasheet HTML 8Page - Texas Instruments LM1972_14 Datasheet HTML 9Page - Texas Instruments LM1972_14 Datasheet HTML 10Page - Texas Instruments LM1972_14 Datasheet HTML 11Page - Texas Instruments LM1972_14 Datasheet HTML 12Page - Texas Instruments LM1972_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LM1972
www.ti.com
SNAS094D – APRIL 1995 – REVISED MARCH 2013
LM1972 Channel Attenuation
vs Digital Step Value
(Programmed 2.0dB Steps)
Figure 18. LM1972 2.0dB Attenuation Step Scheme
Figure 19. Mono Panning Circuit
INPUT IMPEDANCE
The input impedance of a
μPot is constant at a nominal 40 kΩ. To eliminate any unwanted DC components from
propagating through the device it is common to use 1
μF input coupling caps. This is not necessary, however, if
the dc offset from the previous stage is negligible. For higher performance systems, input coupling caps are
preferred.
OUTPUT IMPEDANCE
The output of a
μPot varies typically between 25 kΩ and 35 kΩ and changes nonlinearly with step changes.
Since a
μPot is made up of a resistor ladder network with a logarithmic attenuation, the output impedance is
nonlinear. Due to this configuration, a
μPot cannot be considered as a linear potentiometer, but can be
considered only as a logarithmic attenuator.
It should be noted that the linearity of a
μPot cannot be measured directly without a buffer because the input
impedance of most measurement systems is not high enough to provide the required accuracy. Due to the low
impedance of the measurement system, the output of the
μPot would be loaded down and an incorrect reading
will result. To prevent loading from occurring, a JFET input op amp should be used as the buffer/amplifier. The
performance of a
μPot is limited only by the performance of the external buffer/amplifier.
MUTE FUNCTION
One major feature of a
μPot is its ability to mute the input signal to an attenuation level of 104dB as shown in
Figure 16. This is accomplished internally by physically isolating the output from the input while also grounding
the output pin through approximately 2 k
Ω.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM1972


Número de pieza similar - LM1972_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM1972 TI1-LM1972_16 Datasheet
1Mb / 22P
[Old version datasheet]   2-Channel 78dB Audio Attenuator
More results

Descripción similar - LM1972_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
   Pot 2-Channel 78dB Audio Attenuator with Mute
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
   關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Texas Instruments
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
[Old version datasheet]   LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
LM1972 TI1-LM1972_16 Datasheet
1Mb / 22P
[Old version datasheet]   2-Channel 78dB Audio Attenuator
logo
National Semiconductor ...
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
   LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com