Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS5A4595 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TS5A4595
Descripción Electrónicos  8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE- CHANNEL ANALOG SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A4595 Datasheet(HTML) 1 Page - Texas Instruments

  TS5A4595_14 Datasheet HTML 1Page - Texas Instruments TS5A4595_14 Datasheet HTML 2Page - Texas Instruments TS5A4595_14 Datasheet HTML 3Page - Texas Instruments TS5A4595_14 Datasheet HTML 4Page - Texas Instruments TS5A4595_14 Datasheet HTML 5Page - Texas Instruments TS5A4595_14 Datasheet HTML 6Page - Texas Instruments TS5A4595_14 Datasheet HTML 7Page - Texas Instruments TS5A4595_14 Datasheet HTML 8Page - Texas Instruments TS5A4595_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TS5A4595
8 W SPST ANALOG SWITCH
5V/3.3V SINGLECHANNEL ANALOG SWITCH
SCDS180 − FEBRUARY 2005
Description
The TS5A4595 is a single-pole single-throw (SPST)
analog switch that is designed to operate from 2 V to
5.5 V. This device can handle both digital and analog
signals, and signals up to V+ can be transmitted in either
direction.
Applications
D Sample-and-Hold Circuit
D Battery-Powered Equipment
(Cellular Phones, PDAs)
D Audio and Video Signal Routing
D Communication Circuits
D PCMCIA Cards
SOT-23 OR SC-70 PACKAGE
(TOP VIEW)
1
2
3
4
5
COM
NC
GND
IN
V+
FUNCTION TABLE
IN
NC TO COM,
COM TO NC
L
ON
H
OFF
Features
D Low ON-State Resistance (8 W)
D ON-State Resistance Flatness (1.5 W)
D Control Inputs Are 5.5-V Tolerant
D Low Charge Injection (5 pC Max)
D 450-MHz −3-dB Bandwidth at 255C
D Low Total Harmonic Distortion (THD) (0.04%)
D 2-V to 5.5-V Single-Supply Operation
D −82-dB OFF-Isolation at 1 MHz
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D 0.5-nA Max OFF Leakage
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
D TTL/CMOS-Logic Compatible
Summary of Characteristics
V+ = 5 V, TA = 25°C
Configuration
Single Pole
Single Throw
(SPST)
Number of channels
1
ON-state resistance (ron)
8
ON-state resistance flatness (ron(flat))
1.5
Turn-on/turn-off time (tON/tOFF)
17 ns/14 ns
Charge injection (QC)
5 pC
Bandwidth (BW)
450 MHz
OFF isolation (OISO)
−82 dB at 1 MHz
Total harmonic distortion (THD)
0.04%
Leakagecurrent(ICOM(OFF)/INC(OFF))
±0.5 nA
Power-supply current (I+)
0.25
µA
Package option
5-pin SOT-23 or SC-70
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
−40
°C to 85°C
SOT (SOT-23) − DBV
Tape and reel
TS5A4595DBVR
JSB_
−40
°C to 85°C
SOT (SC−70) − DCK
Tape and reel
TS5A4595DCKR
JT_
(1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package.
(2) DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2005, Texas Instruments Incorporated


Número de pieza similar - TS5A4595_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
More results

Descripción similar - TS5A4595_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4594 TI-TS5A4594_08 Datasheet
456Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8-R SPST ANALOG SWITCH
TS5A4595 TI-TS5A4595 Datasheet
158Kb / 14P
[Old version datasheet]   8-W SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596 Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com