Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS5A4595 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TS5A4595
Descripción Electrónicos  8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE- CHANNEL ANALOG SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A4595 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS5A4595_14 Datasheet HTML 7Page - Texas Instruments TS5A4595_14 Datasheet HTML 8Page - Texas Instruments TS5A4595_14 Datasheet HTML 9Page - Texas Instruments TS5A4595_14 Datasheet HTML 10Page - Texas Instruments TS5A4595_14 Datasheet HTML 11Page - Texas Instruments TS5A4595_14 Datasheet HTML 12Page - Texas Instruments TS5A4595_14 Datasheet HTML 13Page - Texas Instruments TS5A4595_14 Datasheet HTML 14Page - Texas Instruments TS5A4595_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TS5A4595
8 W SPST ANALOG SWITCH
5V/3.3V SINGLECHANNEL ANALOG SWITCH
SCDS180 − FEBRUARY 2005
www.ti.com
11
V+
GND
IN
VBIAS
VI
VI = VIH or VIL
VBIAS = V+ or GND
Capacitance is measured at NC,
COM, and IN inputs during ON
and OFF conditions.
Capacitance
Meter
VCOM
VNC
COM
NC
f = 1 MHz
Figure 16. Capacitance (CI, CCOM(OFF), CCOM(ON), CNC(OFF), CNC(ON))
CL(2)
RL
VCOM
V+
GND
NC
IN
VNC
VI
COM
Logic
Input(1)
300
RL
CL
35 pF
tON
TEST
300
35 pF
tOFF
50%
tON
tOFF
50%
90%
90%
Logic
Input
(VI)
V+
Switch
Output
(VCOM)
0
(3)
(1) All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr < 5 ns, tf < 5 ns.
(2) CL includes probe and jig capacitance.
(3) See Electrical Characteristics for VCOM.
Figure 17. Turn-On (tON) and Turn-Off Time (tOFF)
V+
GND
NC
IN
VI
COM
50
W
50
W
VNC
VCOM
Channel ON: NC to COM
Network Analyzer Setup
Source Power = 0 dBm
(632-mV P-P at 50-
W load)
DC Bias = 350 mV
Network Analyzer
Source
Signal
+
VI = V+ or GND
Figure 18. Bandwidth (BW)


Número de pieza similar - TS5A4595_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
More results

Descripción similar - TS5A4595_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4594 TI-TS5A4594_08 Datasheet
456Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8-R SPST ANALOG SWITCH
TS5A4595 TI-TS5A4595 Datasheet
158Kb / 14P
[Old version datasheet]   8-W SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596 Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com