Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS5A3357 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TS5A3357
Descripción Electrónicos  SINGLE 5-廓 SP3T ANALOG SWITCH
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3357 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS5A3357_14 Datasheet HTML 7Page - Texas Instruments TS5A3357_14 Datasheet HTML 8Page - Texas Instruments TS5A3357_14 Datasheet HTML 9Page - Texas Instruments TS5A3357_14 Datasheet HTML 10Page - Texas Instruments TS5A3357_14 Datasheet HTML 11Page - Texas Instruments TS5A3357_14 Datasheet HTML 12Page - Texas Instruments TS5A3357_14 Datasheet HTML 13Page - Texas Instruments TS5A3357_14 Datasheet HTML 14Page - Texas Instruments TS5A3357_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
TYPICAL PERFORMANCE
°C
°C
°C
°C
°C
°C
°C
TS5A3357
SINGLE 5-
Ω SP3T ANALOG SWITCH
5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
SCDS177A – OCTOBER 2004 – REVISED DECEMBER 2007
Figure 1. ron vs VCOM
Figure 2. ron vs VCOM (V+ = 3 V)
Figure 3. ron vs VCOM (V+ = 4.5 V)
Figure 4. Leakage Current vs Temperature (V+ = 5.5 V)
Figure 5. Charge Injection (QC) vs VCOM
Figure 6. tON and tOFF vs V+
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TS5A3357


Número de pieza similar - TS5A3357_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
More results

Descripción similar - TS5A3357_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_16 Datasheet
1Mb / 34P
[Old version datasheet]   SP3T Bidirectional Analog Switch
logo
Fairchild Semiconductor
FSA3259 FAIRCHILD-FSA3259 Datasheet
337Kb / 10P
   Dual SP3T Analog Switch
logo
Texas Instruments
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359 Datasheet
292Kb / 22P
[Old version datasheet]   1-ohm SP3T ANALOG SWITCH 5-V/3.3-V SINGLE - CHANNEL 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com