Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS5A2066 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TS5A2066
Descripción Electrónicos  DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A2066 Datasheet(HTML) 2 Page - Texas Instruments

  TS5A2066_14 Datasheet HTML 1Page - Texas Instruments TS5A2066_14 Datasheet HTML 2Page - Texas Instruments TS5A2066_14 Datasheet HTML 3Page - Texas Instruments TS5A2066_14 Datasheet HTML 4Page - Texas Instruments TS5A2066_14 Datasheet HTML 5Page - Texas Instruments TS5A2066_14 Datasheet HTML 6Page - Texas Instruments TS5A2066_14 Datasheet HTML 7Page - Texas Instruments TS5A2066_14 Datasheet HTML 8Page - Texas Instruments TS5A2066_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TS5A2066
SCDS184D – JANUARY 2005 – REVISED APRIL 2010
www.ti.com
ORDERING INFORMATION(1)
ORDERABLE
TA
PACKAGE(2)
TOP-SIDE MARKING(3)
PART NUMBER
NanoFree™ – WCSP (DSBGA)
Reel of 3000
TS5A2066YZPR
_ _ _J4_
0.23-mm Large Bump – YZP (Pb-free)
–40°C to 85°C
SSOP – DCT
Reel of 3000
TS5A2066DCTR
JAG_ _ _
VSSOP – DCU
Reel of 3000
TS5A2066DCUR
JAG_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DCT: The actual top-side marking has three additional characters that designate the year, month, and wafer fab/assembly site.
DCU: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
● = Pb-free).
FUNCTION TABLE
NO TO COM,
IN
COM TO NO
L
OFF
H
ON
Absolute Minimum and Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
–0.5
6.5
V
VNO
Analog voltage range(3) (4) (5)
–0.5
V+ + 0.5
V
VCOM
IK
Analog port diode current
VNO, VCOM < 0 or VNO, VCOM > V+
–50
50
mA
INO
On-state switch current
VNO, VCOM = 0 to V+
–50
50
mA
ICOM
VI
Digital input voltage range(3) (4)
–0.5
6.5
V
IIK
Digital input clamp current
VI < 0
–50
mA
I+
Continuous current through V+
100
mA
IGND
Continuous current through GND
–100
100
mA
DCT package
220
qJA
Package thermal impedance(6)
DCU package
227
°C/W
YZP package
102
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
This value is limited to 5.5 V maximum.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): TS5A2066


Número de pieza similar - TS5A2066_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A2066 TI-TS5A2066_10 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066_15 Datasheet
928Kb / 30P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
More results

Descripción similar - TS5A2066_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A2066 TI-TS5A2066_10 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066_15 Datasheet
928Kb / 30P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066 Datasheet
347Kb / 24P
[Old version datasheet]   DUAL-CHANNEL 10-W SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
logo
STMicroelectronics
STG4210 STMICROELECTRONICS-STG4210 Datasheet
409Kb / 21P
   Low voltage 1 廓 dual SPST analog switch
August 2008 Rev 1
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_V01 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
DG2737 VISHAY-DG2737_V01 Datasheet
189Kb / 10P
   6-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com