Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV7231 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMV7231
Descripción Electrónicos  LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7231 Datasheet(HTML) 1 Page - Texas Instruments

  LMV7231 Datasheet HTML 1Page - Texas Instruments LMV7231 Datasheet HTML 2Page - Texas Instruments LMV7231 Datasheet HTML 3Page - Texas Instruments LMV7231 Datasheet HTML 4Page - Texas Instruments LMV7231 Datasheet HTML 5Page - Texas Instruments LMV7231 Datasheet HTML 6Page - Texas Instruments LMV7231 Datasheet HTML 7Page - Texas Instruments LMV7231 Datasheet HTML 8Page - Texas Instruments LMV7231 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Controller
(FPGA)
+
-
+
-
Ch. 1
UV1
OV6
OV5
OV4
OV3
OV2
V+ = 3.3V
OV1
+IN1
-IN1
GND
AO
CO1
*
*
COPOL
UV6
UV5
UV4
UV3
UV2
UV1
* Open
Drain
AOSEL
*
OV1
RESERVED
Ch. 6
+IN6
-IN6
CO6
REF
REF
LMV7231
COPOL
REF
UV6 OV6
REF
SW
L1
C2
R2
R3
BST
VCC
C4
C5
D1
RON/SD
VIN
R1
Input = 9V - 42V
C1
1.0 PF
115k
3k
3k
100 PH
0.1PF
22 PF
0.01 PF
VOUT = 5V
C3
0.1 PF
C6
C7
R6
0.01 PF
121k
2200
pF
LM25007
RTN
R7
R8
R9
1.15k
10
95.3
R10
10k
R12
10k
ON/OFF
C8
0.1 PF
C9
*optional
RCL
R5
200k
FB
R11
10k
V+
V+
V+
LMV7231
www.ti.com
SNOSB45E – FEBRUARY 2010 – REVISED MARCH 2013
LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
Check for Samples: LMV7231
1
FEATURES
DESCRIPTION
The LMV7231 is a 1.5% accurate Hex Window
2
(For VS = 3.3V ±10%, Typical Unless Otherwise
Comparator which can be used to monitor power
Noted)
supply voltages. The device uses an internal 400mV
High Accuracy Voltage Reference: 400 mV
reference
for
the
comparator
trip
value.
The
Threshold Accuracy: ±1.5% (max)
comparator set points can be set via external resistor
dividers. The LMV7231 has 6 outputs (CO1-CO6)
Wide Supply Voltage Range +2.2V to +5.5V
that signal an under-voltage or over-voltage event for
Input/Output Voltage Range Above V+
each power supply input. An output (AO) is also
Internal Hysteresis: 6mV
provided to signal when any of the power supply
inputs have an over-voltage or under-voltage event.
Propagation Delay: 2.6 µs to 5.6 µs
This ability to signal an under-voltage or over-voltage
Supply Current 7.7 µA Per Channel
event for the individual power supply inputs, in
24 Lead WQFN Package
addition to an output to signal such an event on any
of the power supply inputs adds unparalleled system
Temperature Range: -40°C to 125°C
protection capability.
APPLICATIONS
The LMV7231’s +2.2V to +5.5V power supply voltage
range, low supply current, and input/output voltage
Power Supply Voltage Detection
range above V+ make it ideal for a wide range of
Battery Monitoring
power supply monitoring applications. Operation is
Handheld Instruments
ensured over the -40°C to +125°C temperature
range. The device is available in a 24-pin WQFN
Relay Driving
package.
Industrial Control Systems
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LMV7231

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Texas Instruments
LMV7231 TI1-LMV7231 Datasheet
1Mb / 26P
[Old version datasheet]   Hex Window Comparator With 1.5% Precision and 400-mV Reference
logo
National Semiconductor ...
LMV7231SQ NSC-LMV7231SQ Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Texas Instruments
LMV7231SQ TI1-LMV7231SQ Datasheet
1Mb / 26P
[Old version datasheet]   Hex Window Comparator With 1.5% Precision and 400-mV Reference
LMV7231SQ/NOPB TI1-LMV7231SQ/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Hex Window Comparator With 1.5% Precision and 400-mV Reference
More results

Descripción similar - LMV7231

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV7231 TI-LMV7231_15 Datasheet
1Mb / 21P
[Old version datasheet]   LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Texas Instruments
LMV7231 TI1-LMV7231_16 Datasheet
1Mb / 26P
[Old version datasheet]   Hex Window Comparator With 1.5% Precision and 400-mV Reference
logo
Analog Devices
ADCMP361 AD-ADCMP361 Datasheet
115Kb / 13P
   Single Comparator with 400mV Reference and Dual Polarity Outputs
Rev. PrB
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com