Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMP7300 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LMP7300
Descripción Electrónicos  Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7300 Datasheet(HTML) 3 Page - Texas Instruments

  LMP7300_14 Datasheet HTML 1Page - Texas Instruments LMP7300_14 Datasheet HTML 2Page - Texas Instruments LMP7300_14 Datasheet HTML 3Page - Texas Instruments LMP7300_14 Datasheet HTML 4Page - Texas Instruments LMP7300_14 Datasheet HTML 5Page - Texas Instruments LMP7300_14 Datasheet HTML 6Page - Texas Instruments LMP7300_14 Datasheet HTML 7Page - Texas Instruments LMP7300_14 Datasheet HTML 8Page - Texas Instruments LMP7300_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LMP7300
www.ti.com
SNOSAT7F – AUGUST 2007 – REVISED MARCH 2013
2.7V Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 2.7V, V= 0V, and V
CM = V
+/2, R
PULLUP = 100 kΩ, CLOAD
= 10 pF. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
12
IS
Supply Current
RPULLUP = Open
9
μA
17
Comparator
±0.75
VCM = V
+/2 SOIC
±0.07
mV
±2
VOS
Input Offset Voltage
±1.0
VCM = V
+/2 VSSOP
±0.07
mV
±2.2
TCVOS
Input Offset Average Drift
See(4)
1.8
μV/°C
3
IB
Input Bias Current(5)
|VID| < 2.5V
1.2
nA
4
IOS
Input Offset Current
0.15
0.5
nA
CMRR
Common Mode Rejection Ratio
1V < VCM < 2.7V
80
100
dB
PSRR
Power Supply Rejection Ratio
V+ = 2.7V to 12V
80
100
dB
0.4
VOL
Output Low Voltage
ILOAD = 10 mA
0.25
V
0.5
ILEAK
Output Leakage Current
Comparator Output in High State
1
pA
0 < Ref-HYSTP,N < 25 mV
1.000
Hysteresis Control Voltage
HCLIN
mV/V
Linearity
25 mV < Ref-HYSTP,N < 100 mV
0.950
3
IHYS
Hysteresis Leakage Current
1.2
nA
4
Overdrive = 10 mV, CL = 10 pF
12
17
Propagation Delay
TPD
μs
(High to Low)
Overdrive = 100 mV, CL = 10 pF
4.5
7.6
Reference
SOIC
2.043
2.048
2.053
V
VO
Reference Voltage
VSSOP
2.043
2.048
2.056
V
Line Regulation
VCC = 2.7V to 12V
14
80
μV/V
Load Regulation
IOUT = 0 to 1 mA
0.2
0.5
mV/mA
TCVREF/°C Temperature Coefficient
−40°C to 125°C
55
ppm/°C
0.1 Hz to 10 Hz
80
μVPP
VN
Output Noise Voltage
10 Hz to 10 kHz
100
μVRMS
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes, by the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP7300


Número de pieza similar - LMP7300_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results

Descripción similar - LMP7300_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_11 Datasheet
320Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841 MICREL-MIC841_15 Datasheet
850Kb / 11P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841_1104 MICREL-MIC841_1104 Datasheet
321Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
logo
Maxim Integrated Produc...
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
logo
Texas Instruments
TLV4011 TI1-TLV4011 Datasheet
574Kb / 19P
[Old version datasheet]   TLV4011 Precision Comparator with Integrated Reference
logo
Maxim Integrated Produc...
MAX9039 MAXIM-MAX9039 Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com