Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N3614GP Datasheet(PDF) 1 Page - General Semiconductor |
|
1N3614GP Datasheet(HTML) 1 Page - General Semiconductor |
1 / 2 page 1N3611GP THRU 1N3614GP AND 1N3957GP GLASS PASSIVATED JUNCTION RECTIFIER Reverse Voltage - 200 to 1000 Volts Forward Current - 1.0 Ampere FEATURES ♦ Plastic package has Underwriters Laboratory Flammability Classification 94V-0 ♦ High temperature metallurgically bonded construction ♦ Capable of meeting environmental standards of MIL-S-19500 ♦ Glass passivated cavity-free junction ♦ 1.0 Ampere operation at TA=75°C with no thermal runaway ♦ Typical IR less than 0.1µA ♦ High temperature soldering guaranteed: 350°C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension MECHANICAL DATA Case: JEDEC DO-204AL molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.3 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25°C ambient temperature unless otherwise specified. 1N 1N 1N 1N 1N SYMBOLS 3611GP 3612GP 3613GP 3614GP 3957GP UNITS * Maximum repetitive peak reverse voltage VRRM 200 400 600 800 1000 Volts * Maximum RMS voltage VRMS 140 280 420 560 700 Volts * Maximum DC blocking voltage VDC 200 400 600 800 1000 Amps * Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=75°C I(AV) 1.0 Amps * Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) IFSM 30.0 Amps Maximum instantaneous forward voltage at 1.0A VF 1.0 Volts * Maximum DC reverse current TA=25°C 1.0 at rated DC blocking voltage TA=150°C IR 300.0 µA Typical reverse recovery time (NOTE 1) trr 2.0 µs Typical junction capacitance (NOTE 2) CJ 8.0 pF Typical thermal resistance (NOTE 3) R ΘJA 55.0 °C/W R ΘJL 25.0 Operating junction and storage temperature range TJ, TSTG -65 to +175 °C NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr =0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, P.C.B. mounted * JEDEC registered values 4/98 0.107 (2.7) 0.080 (2.0) 0.034 (0.86) 0.028 (0.71) DIA. 1.0 (25.4) MIN. 1.0 (25.4) MIN. 0.205 (5.2) 0.160 (4.1) DIA. NOTE: Lead diameter is for suffix "E" part numbers 0.026 (0.66) 0.023 (0.58) Dimensions in inches and (millimeters) *Glass-plastic encapsulation technique is covered by Patent No. 3,996,602 and brazed-lead assembly by Patent No. 3,930,306 DO-204AL ® |
Número de pieza similar - 1N3614GP |
|
Descripción similar - 1N3614GP |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |