Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM193JAN Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LM193JAN
Descripción Electrónicos  Low Power Low Offset Voltage Dual Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM193JAN Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM193JAN_14 Datasheet HTML 3Page - Texas Instruments LM193JAN_14 Datasheet HTML 4Page - Texas Instruments LM193JAN_14 Datasheet HTML 5Page - Texas Instruments LM193JAN_14 Datasheet HTML 6Page - Texas Instruments LM193JAN_14 Datasheet HTML 7Page - Texas Instruments LM193JAN_14 Datasheet HTML 8Page - Texas Instruments LM193JAN_14 Datasheet HTML 9Page - Texas Instruments LM193JAN_14 Datasheet HTML 10Page - Texas Instruments LM193JAN_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LM193JAN
www.ti.com
SNOSAN2A – MAY 2005 – REVISED MARCH 2013
APPLICATION HINTS
The LM193 series are high gain, wide bandwidth devices which, like most comparators, can easily oscillate if the
output lead is inadvertently allowed to capacitively couple to the inputs via stray capacitance. This shows up only
during the output voltage transition intervals as the comparator change states. Power supply bypassing is not
required to solve this problem. Standard PC board layout is helpful as it reduces stray input-output coupling.
Reducing the input resistors to < 10 k
Ω reduces the feedback signal levels and finally, adding even a small
amount (1.0 to 10 mV) of positive feedback (hysteresis) causes such a rapid transition that oscillations due to
stray feedback are not possible. Simply socketing the IC and attaching resistors to the pins will cause input-
output oscillations during the small transition intervals unless hysteresis is used. If the input signal is a pulse
waveform, with relatively fast rise and fall times, hysteresis is not required.
All input pins of any unused comparators should be tied to the negative supply.
The bias network of the LM193 series establishes a drain current which is independent of the magnitude of the
power supply voltage over the range of from 2.0 VDC to 30 VDC.
It is usually unnecessary to use a bypass capacitor across the power supply line.
The differential input voltage may be larger than V+ without damaging the device (1). Protection should be
provided to prevent the input voltages from going negative more than
−0.3 VDC (at 25°C). An input clamp diode
can be used as shown in the applications section.
The output of the LM193 series is the uncommitted collector of a grounded-emitter NPN output transistor. Many
collectors can be tied together to provide an output OR'ing function. An output pull-up resistor can be connected
to any available power supply voltage within the permitted supply voltage range and there is no restriction on this
voltage due to the magnitude of the voltage which is applied to the V+ terminal of the LM193 package. The
output can also be used as a simple SPST switch to ground (when a pull-up resistor is not used). The amount of
current which the output device can sink is limited by the drive available (which is independent of V+) and the
β
of this device. When the maximum current limit is reached (approximately 16mA), the output transistor will come
out of saturation and the output voltage will rise very rapidly. The output saturation voltage is limited by the
approximately 60
Ω rSAT of the output transistor. The low offset voltage of the output transistor (1.0mV) allows the
output to clamp essentially to ground level for small load currents.
(1)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3V (or 0.3V below the
magnitude of the negative power supply, if used).
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM193JAN


Número de pieza similar - LM193JAN_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM193JAN NSC-LM193JAN Datasheet
685Kb / 14P
   Low Power Low Offset Voltage Dual Comparators
More results

Descripción similar - LM193JAN_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com