Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM360M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM360M
Descripción Electrónicos  LM160/LM360 High Speed Differential Comparator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM360M Datasheet(HTML) 2 Page - Texas Instruments

  LM360M Datasheet HTML 1Page - Texas Instruments LM360M Datasheet HTML 2Page - Texas Instruments LM360M Datasheet HTML 3Page - Texas Instruments LM360M Datasheet HTML 4Page - Texas Instruments LM360M Datasheet HTML 5Page - Texas Instruments LM360M Datasheet HTML 6Page - Texas Instruments LM360M Datasheet HTML 7Page - Texas Instruments LM360M Datasheet HTML 8Page - Texas Instruments LM360M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LM160, LM360
SNOSBJ4C – MAY 1999 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Positive Supply Voltage
+8V
Negative Supply Voltage
−8V
Peak Output Current
20 mA
Differential Input Voltage
±5V
Input Voltage
V+
≥ VIN ≥ V
ESD Tolerance (3)
1600V
Operating Temperature
LM160
−55°C to +125°C
Range
LM360
0°C to +70°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 10 sec.)
260°C
Soldering Information
PDIP Package
Soldering (10 seconds)
260°C
SOIC Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices.
(1)
The device may be damaged if used beyond the maximum ratings.
(2)
Refer to RETS 160X for LM160H, LM160J-14 and LM160J military specifications.
(3)
Human body model, 1.5 k
Ω in series with 100 pF.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM160 LM360


Número de pieza similar - LM360M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM360M NSC-LM360M Datasheet
230Kb / 7P
   High Speed Differential Comparator
logo
Texas Instruments
LM360M TI1-LM360M Datasheet
343Kb / 13P
[Old version datasheet]   LM160QML High Speed Differential Comparator
LM360M/NOPB TI1-LM360M/NOPB Datasheet
343Kb / 13P
[Old version datasheet]   LM160QML High Speed Differential Comparator
logo
National Semiconductor ...
LM360MX NSC-LM360MX Datasheet
22Kb / 2P
   Homogeneous Material Composition Declaration for Electronic Products
logo
Texas Instruments
LM360MX TI1-LM360MX Datasheet
343Kb / 13P
[Old version datasheet]   LM160QML High Speed Differential Comparator
More results

Descripción similar - LM360M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM760 NSC-LM760 Datasheet
197Kb / 10P
   High Speed Differential Comparator
logo
Fairchild Semiconductor
UA760 FAIRCHILD-UA760 Datasheet
368Kb / 7P
   HIGH SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
   High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C_06 Datasheet
169Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
   High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C Datasheet
62Kb / 4P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL COMPARATOR
LM160QML TI1-LM160QML Datasheet
267Kb / 12P
[Old version datasheet]   LM160QML High Speed Differential Comparator
logo
National Semiconductor ...
MNLM711AM-X NSC-MNLM711AM-X Datasheet
251Kb / 8P
   DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM160QML TI1-LM160QML_14 Datasheet
343Kb / 13P
[Old version datasheet]   LM160QML High Speed Differential Comparator
logo
NXP Semiconductors
NE522 PHILIPS-NE522 Datasheet
88Kb / 5P
   High-speed dual-differential comparator/sense amp
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com