Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


1N4936GP Datasheet(Hoja de datos) 2 Page - General Semiconductor

No. de Pieza. 1N4936GP
Descripción  GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  GE [General Semiconductor]
Página de inicio  http://www.vishay.com
Logo 

   
 2 page
background image
0
25
50
75
100
125
150
175
0
0.25
0.5
0.75
1.0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.01
0.1
1
10
1
10
100
0
10
20
30
40
1
10
100
1
10
100
020
40
60
80
100
0.01
0.1
1
10
20
0.01
0.1
1
10
100
0.1
1
10
100
RATINGS AND CHARACTERISTIC CURVES 1N4933GP THRU 1N4937GP
AMBIENT TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=125°C
TJ=25°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
0.375" (9.5mm) LEAD LENGTH
TJ=75°C
FIG. 1 - FORWARD CURRENT DERATING CURVE
TJ=25°C
f=1.0 MHZ
Vsig=50mVp-p
RESISTIVE OR
INDUCTIVE LOAD
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
t, PULSE DURATION, sec




Html Pages

1  2 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
RGP02-12EGLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER 1 2 General Semiconductor
1N4933GGLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER 1 2 GOOD-ARK Electronics
FR301GGLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER 1 2 3 GOOD-ARK Electronics
TE100RGLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER 1 2 Transys Electronics
1N4942GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER 1 2 General Semiconductor
RGP10AGLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER 1 2 General Semiconductor
TE100RSGLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER 1 2 Transys Electronics
1N4942GPGLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER 1 2 General Semiconductor
RGP15AGLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER 1 2 General Semiconductor
1N4942GGLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER 1 2 GOOD-ARK Electronics

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl