Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7306TRPBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRF7306TRPBF
Descripción Electrónicos  Generation V Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7306TRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7306TRPBF Datasheet HTML 1Page - International Rectifier IRF7306TRPBF Datasheet HTML 2Page - International Rectifier IRF7306TRPBF Datasheet HTML 3Page - International Rectifier IRF7306TRPBF Datasheet HTML 4Page - International Rectifier IRF7306TRPBF Datasheet HTML 5Page - International Rectifier IRF7306TRPBF Datasheet HTML 6Page - International Rectifier IRF7306TRPBF Datasheet HTML 7Page - International Rectifier IRF7306TRPBF Datasheet HTML 8Page - International Rectifier IRF7306TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7306
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
VGS = 0V, ID = -250µA
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
––– -0.037 –––
V/°C
Reference to 25°C, ID = -1mA
–––
–––
0.10
VGS = -10V, ID = -1.8A
ƒ
–––
–––
0.16
VGS = -4.5V, ID = -1.5A
ƒ
VGS(th)
Gate Threshold Voltage
-1.0
–––
–––
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
2.5
–––
–––
S
VDS = -24V, ID = -1.8A
–––
–––
-1.0
VDS = -24V, VGS = 0V
–––
–––
-25
VDS = -24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -20V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 20V
Qg
Total Gate Charge
–––
–––
25
ID = -1.8A
Qgs
Gate-to-Source Charge
–––
–––
2.9
nC
VDS = -24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
9.0
VGS = -10V, See Fig. 6 and 12
ƒ
td(on)
Turn-On Delay Time
–––
11
–––
VDD = -15V
tr
Rise Time
–––
17
–––
ID = -1.8A
td(off)
Turn-Off Delay Time
–––
25
–––
RG = 6.0
tf
Fall Time
–––
18
–––
RD = 8.2Ω, See Fig. 10
ƒ
Between lead tip
and center of die contact
Ciss
Input Capacitance
–––
440
–––
VGS = 0V
Coss
Output Capacitance
–––
200
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
93
–––
ƒ = 1.0MHz, See Fig. 5
Notes:
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.0
V
TJ = 25°C, IS = -1.8A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
53
80
ns
TJ = 25°C, IF = -1.8A
Qrr
Reverse RecoveryCharge
–––
66
99
µC
di/dt = 100A/µs
ƒ
ton
Forward Turn-On Time
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ ISD ≤ -1.8A, di/dt ≤ 90A/µs, VDD ≤ V(BR)DSS,
TJ ≤150°C
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Source-Drain Ratings and Characteristics
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
–––
–––
-14
–––
–––
-2.5
A
IGSS
IDSS
Drain-to-Source Leakage Current
LS
Internal Source Inductance
–––
6.0
–––
LD
Internal Drain Inductance
–––
4.0
–––
nH
ns
nA
µA
RDS(ON)
Static Drain-to-Source On-Resistance
S
D
G
S
D
G
„ Surface mounted on FR-4 board, t ≤ 10sec.


Número de pieza similar - IRF7306TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
IRF7306TRPBF VBSEMI-IRF7306TRPBF Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Descripción similar - IRF7306TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com