Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7306 Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF7306
Descripción Electrónicos  Generation V Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7306 Datasheet(HTML) 1 Page - International Rectifier

  IRF7306 Datasheet HTML 1Page - International Rectifier IRF7306 Datasheet HTML 2Page - International Rectifier IRF7306 Datasheet HTML 3Page - International Rectifier IRF7306 Datasheet HTML 4Page - International Rectifier IRF7306 Datasheet HTML 5Page - International Rectifier IRF7306 Datasheet HTML 6Page - International Rectifier IRF7306 Datasheet HTML 7Page - International Rectifier IRF7306 Datasheet HTML 8Page - International Rectifier IRF7306 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
PD - 9.1241C
l Generation V Technology
l Ultra Low On-Resistance
l Dual P-Channel Mosfet
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Fast Switching
Description
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient device for use in a wide
variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.
IRF7306
SO-8
VDSS = -30V
RDS(on) = 0.10Ω
Parameter
Max.
Units
ID @ TA = 25°C
10 Sec. Pulsed Drain Current, VGS @ -10V
-4.0
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-3.6
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
-2.9
IDM
Pulsed Drain Current

-14
PD @TA = 25°C
Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
±20
V
dv/dt
Peak Diode Recovery dv/dt
‚
-5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
D1
D1
D2
D2
G1
S2
G2
S1
To p V ie w
8
1
2
3
4
5
6
7
8/25/97
Thermal Resistance Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
62.5
°C/W


Número de pieza similar - IRF7306

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7306 IRF-IRF7306 Datasheet
113Kb / 9P
   HEXFET Power MOSFET
IRF7306 IRF-IRF7306 Datasheet
116Kb / 9P
   Generation V Technology
IRF7306PBF IRF-IRF7306PBF Datasheet
231Kb / 9P
   HEXFET짰Power MOSFET
IRF7306PBF IRF-IRF7306PBF Datasheet
237Kb / 9P
   GENERATION V TECHNOLOGY
IRF7306PBF IRF-IRF7306PBF_15 Datasheet
237Kb / 9P
   GENERATION V TECHNOLOGY
More results

Descripción similar - IRF7306

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com