Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL32173EIVZ-T Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISL32173EIVZ-T
Descripción Electrónicos  QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32173EIVZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL32173EIVZ-T Datasheet HTML 6Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 7Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 8Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 9Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 10Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 11Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 12Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 13Page - Intersil Corporation ISL32173EIVZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
FN7529.1
March 14, 2013
Receiver Input to
Output Delay
tPLH, tPHL (Figure 1)
Full
7
11
16
ns
Receiver Skew
| tPLH - tPHL |
tSKD
(Figure 1)
Full
-
0.4
2
ns
Prop Delay Skew
Chan-to-Chan
tSKC-C
(Figure 1), (Note 11)
Full
-
0.7
4
ns
Prop Delay Skew
Part-to-Part
tSKP-P
(Figure 1), (Note 12)
Full
-
1.2
8
ns
Receiver Enable to
Output High
tZH
RL = 1kΩ, CL = 15pF, SW = GND (Figure 2),
(Notes 15, 21)
Full
-
57
75
ns
Receiver Enable to
Output Low
tZL
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 2),
(Notes 15, 21)
Full
-
59
75
ns
Receiver Disable
from Output High
tHZ
RL = 1kΩ, CL = 15pF, SW = GND (Figure 2) Full
-
18
30
ns
Receiver Disable
from Output Low
tLZ
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 2)
Full
-
19
30
ns
Receiver Enable
from Shutdown to
Output High
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND (Figure 2),
(Notes 16, 20)
Full
-
-
850
ns
Receiver Enable
from Shutdown to
Output Low
tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC (Figure 2),
(Notes 16, 20)
Full
-
-
850
ns
NOTES:
10. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device
ground unless otherwise specified.
11. Channel-to-channel skew is the magnitude of the worst case delta between any two propagation delays of any two outputs
on the same IC, at the same test conditions.
12. tSKP-P is the magnitude of the difference in propagation delays of the specified terminals of two units tested with identical test
conditions (VCC, temperature, etc.).
13. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
14. EN = 0 indicates that the output(s) under test are disabled via the appropriate logic pin settings. EN = 1 indicates that the
logic pins are set to enable the output(s) under test.
15. For ISL32177E and ISL32277E, keep SHDNEN low to avoid entering SHDN. For ISL32175E and ISL32275E ensure that at least
one channel remains enabled to prevent SHDN.
16. For ISL32177E and ISL32277E, keep SHDNEN high to enter SHDN when all drivers are disabled.
17. Logic Pins are the enable variants and SHDNEN.
18. EN low and EN high on the ISL32X73E. SHDNEN, EN, EN1-EN4 all high and EN low on the ISL32X77E.
19. EN12 and EN34 low on ISL32X75E. SHDNEN high, with EN1-EN4 low plus EN and EN high on the ISL32X77E.
20. Shutdown is entered by simultaneously disabling all four outputs for at least 600ns.
21. Does not apply to the ISL32173E nor the ISL32273E; only the EN from SHDN parameters apply to these two parts.
Electrical Specifications Test Conditions: VCC = 3.0V to 5.5V; VL = VCC (ISL32177E and ISL32277E only); Typicals are at
the worst case of VCC = 3.3V or VCC = 5V, TA = +25°C; Unless Otherwise Specified. Boldface
limits apply over the operating temperature range. (Notes 10, 14) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 13)
TYP
MAX
(Note 13) UNITS
ISL32173E, ISL32175E, ISL32177E, ISL32273E, ISL32275E, ISL32277E


Número de pieza similar - ISL32173EIVZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL32173EIVZ INTERSIL-ISL32173EIVZ Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL32173EIVZ RENESAS-ISL32173EIVZ Datasheet
1Mb / 21P
   Telecom equipment
More results

Descripción similar - ISL32173EIVZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com