Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8343 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza ADS8343
Descripción Electrónicos  16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8343 Datasheet(HTML) 5 Page - Texas Instruments

  ADS8343_14 Datasheet HTML 1Page - Texas Instruments ADS8343_14 Datasheet HTML 2Page - Texas Instruments ADS8343_14 Datasheet HTML 3Page - Texas Instruments ADS8343_14 Datasheet HTML 4Page - Texas Instruments ADS8343_14 Datasheet HTML 5Page - Texas Instruments ADS8343_14 Datasheet HTML 6Page - Texas Instruments ADS8343_14 Datasheet HTML 7Page - Texas Instruments ADS8343_14 Datasheet HTML 8Page - Texas Instruments ADS8343_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADS8343
5
SBAS183C
www.ti.com
TYPICAL CHARACTERISTICS: +5V
At TA = +25°C, +VCC = +5V, VREF = +2.5V, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE = 2.4MHz, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 1.001kHz, –0.2dB)
050
20
10
40
30
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 9.985kHz, –0.2dB)
050
20
10
40
30
Frequency (kHz)
SIGNAL-TO-NOISE RATIO AND
SIGNAL-TO-(NOISE + DISTORTION)
vs INPUT FREQUENCY
10
1
100
Frequency (kHz)
100
90
80
70
60
SNR
SINAD
SPURIOUS-FREE DYNAMIC RANGE AND
TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY
10
1
100
Frequency (kHz)
110
100
90
80
70
60
–110
–100
–90
–80
–70
–60
SFDR
THD(1)
NOTE: (1) First nine harmonics of the input frequency.
EFFECTIVE NUMBER OF BITS
vs INPUT FREQUENCY
10
1
100
Frequency (kHz)
15.0
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
Temperature (
°C)
0.1
0
–0.1
–0.2
–0.3
CHANGE IN SIGNAL-TO-(NOISE + DISTORTION)
vs TEMPERATURE
25
100
–50
–25
0
50
75
f
IN = 4.956kHz, –0.2dB


Número de pieza similar - ADS8343_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS8343E BURR-BROWN-ADS8343E Datasheet
446Kb / 18P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343E BURR-BROWN-ADS8343E Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343E/2K5 BURR-BROWN-ADS8343E/2K5 Datasheet
446Kb / 18P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343E2K5G4 BURR-BROWN-ADS8343E2K5G4 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS8343_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343 BURR-BROWN-ADS8343 Datasheet
446Kb / 18P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8345 TI-ADS8345 Datasheet
505Kb / 18P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI1-ADS8345_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI1-ADS8345_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8344 TI1-ADS8344_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8344 BURR-BROWN-ADS8344 Datasheet
278Kb / 13P
   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com